Electronic Components Datasheet Search |
|
MMSZ5266 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
MMSZ5266 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 4 page MMSZ5225 to MMSZ5267 www.vishay.com Vishay Semiconductors Rev. 1.9, 27-Feb-13 1 Document Number: 85774 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Small Signal Zener Diodes FEATURES • Silicon planar Zener diodes • Standard Zener voltage tolerance is ± 5 % with a “B” suffix (e.g.: MMSZ5225B), suffix “C” is ± 2 % tolerance • AEC-Q101 qualified • ESD capability according to AEC-Q101: Human body model > 8 kV Machine model > 800 V • Base P/N-E3 - RoHS-compliant, commercial grade • Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 PRIMARY CHARACTERISTICS PARAMETER VALUE UNIT VZ range nom. 3.3 to 75 V Test current IZT 1.7 to 20 mA VZ specification Thermal equilibrium Int. construction Single ORDERING INFORMATION DEVICE NAME ORDERING CODE TAPED UNITS PER REEL MINIMUM ORDER QUANTITY MMSZ5225 to MMSZ5267 MMSZ5225B-E3-08 to MMSZ5267B-E3-08 3000 (8 mm tape on 7" reel) 15 000/box MMSZ5225C-E3-08 to MMSZ5267C-E3-08 MMSZ5225B-HE3-08 to MMSZ5267B-HE3-08 MMSZ5225C-HE3-08 to MMSZ5267C-HE3-08 MMSZ5225B-E3-18 to MMSZ5267B-E3-18 10 000 (8 mm tape on 13" reel) 10 000/box MMSZ5225C-E3-18 to MMSZ5267C-E3-18 MMSZ5225B-HE3-18 to MMSZ5267B-HE3-18 MMSZ5225C-HE3-18 to MMSZ5267C-HE3-18 PACKAGE PACKAGE NAME WEIGHT MOLDING COMPOUND FLAMMABILITY RATING MOISTURE SENSITIVITY LEVEL SOLDERING CONDITIONS SOD-123 10.3 mg UL 94 V-0 MSL level 1 (according J-STD-020) 260 °C/10 s at terminals ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Power dissipation TL = 75 °C, on FR - 4 or FR - 5 board with minimum recommended solder pad layout Ptot 500 mW Zener current See table “Electrical Characteristics” Thermal resistance junction to ambient air On FR - 4 or FR - 5 board with minimum recommended solder pad layout RthJA 340 K/W Junction temperature Tj 150 °C Storage temperature range Tstg - 65 to + 150 Operating temperature range Top - 55 to + 150 |
Similar Part No. - MMSZ5266 |
|
Similar Description - MMSZ5266 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |