Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM691AARW Datasheet(PDF) 6 Page - Analog Devices

Part # ADM691AARW
Description  Microprocessor Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM691AARW Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM691AARW Datasheet HTML 2Page - Analog Devices ADM691AARW Datasheet HTML 3Page - Analog Devices ADM691AARW Datasheet HTML 4Page - Analog Devices ADM691AARW Datasheet HTML 5Page - Analog Devices ADM691AARW Datasheet HTML 6Page - Analog Devices ADM691AARW Datasheet HTML 7Page - Analog Devices ADM691AARW Datasheet HTML 8Page - Analog Devices ADM691AARW Datasheet HTML 9Page - Analog Devices ADM691AARW Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM691A/ADM693A/ADM800L/M
–6–
REV. 0
VCC – V
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
10
0
7
2
1
9
8
6
5
4
3
3.5
4.0
4.5
VBATT = 2.8V
Figure 8. Battery Current vs. Input Supply Voltage
COSC – pF
100
10
0.1
10
1k
100
1
LONG WATCHDOG TIMEOUT PERIOD
SHORT WATCHDOG
TIMEOUT PERIOD
RESET ACTIVE
TIMEOUT PERIOD = >
Figure 9. Watchdog and Reset Timeout Period vs.
OSC IN Capacitor
TEMPERATURE –
°C
–50
125
–25
0
25
50
75
100
7.0
4.0
5.5
5.0
4.5
6.5
6.0
Figure 10. Chip Enable Propagation Delay vs.
Temperature
LOAD CAPACITANCE – pF
0
300
50
100
150
200
250
16
0
10
4
2
14
12
8
6
Figure 11. Chip Enable Propagation Delay vs.
Load Capacitance
TEMPERATURE –
°C
–50
90
–30
–10
10
30
50
70
230
170
200
220
210
190
180
Figure 12. Reset Timeout Relay vs. Temperature
TEMPERATURE –
°C
–50
130
–20
10
40
70
100
1200
0
600
1000
800
400
200
VCC = 5V, VBATT = 2.8V
SOURCING CURRENT
VCC = 0V, VBATT = 2.8V
SINKING CURRENT
Figure 13. RESET Output Resistance vs. Temperature


Similar Part No. - ADM691AARW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM691AARW AD-ADM691AARW Datasheet
337Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM691AARW AD-ADM691AARW Datasheet
344Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM691AARW AD-ADM691AARW Datasheet
278Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
More results

Similar Description - ADM691AARW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com