Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG708CRU-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # ADG708CRU-REEL
Description  Low Voltage 4-/8-Channel Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG708CRU-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG708CRU-REEL Datasheet HTML 2Page - Analog Devices ADG708CRU-REEL Datasheet HTML 3Page - Analog Devices ADG708CRU-REEL Datasheet HTML 4Page - Analog Devices ADG708CRU-REEL Datasheet HTML 5Page - Analog Devices ADG708CRU-REEL Datasheet HTML 6Page - Analog Devices ADG708CRU-REEL Datasheet HTML 7Page - Analog Devices ADG708CRU-REEL Datasheet HTML 8Page - Analog Devices ADG708CRU-REEL Datasheet HTML 9Page - Analog Devices ADG708CRU-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADG708/ADG709
Data Sheet
Rev. D | Page 6 of 20
B Version
C Version
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/
Comments
CS (Off)
13
13
pF typ
f = 1 MHz
CD (Off)
ADG708
85
85
pF typ
f = 1 MHz
ADG709
42
42
pF typ
f = 1 MHz
CD, CS (On)
ADG708
96
96
pF typ
f = 1 MHz
ADG709
48
48
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 3.3 V
IDD
0.001
0.001
μA typ
Digital inputs = 0 Vor 3.3 V
1.0
1.0
1.0
1.0
μA max
1
Guaranteed by design, not subject to production test.


Similar Part No. - ADG708CRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG708CRU-REEL AD-ADG708CRU-REEL Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
More results

Similar Description - ADG708CRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX349 MAXIM-MAX349 Datasheet
301Kb / 20P
   Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
logo
Analog Devices
ADG708 AD-ADG708 Datasheet
142Kb / 12P
   CMOS, 3 ohm Low Voltage 4-/8-Channel Multiplexers
REV. 0
ADG706 AD-ADG706_15 Datasheet
246Kb / 12P
   Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707 AD-ADG707_15 Datasheet
246Kb / 12P
   Low-Voltage, 8-/16-Channel Multiplexers
REV. A
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX382 MAXIM-MAX382 Datasheet
106Kb / 12P
   Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
19-0396; Rev. 0; 5/95
logo
Analog Devices
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com