Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7623BSTZ-P Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7623BSTZ-P
Description  HDMI Transceiver with Fast Port Switching
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7623BSTZ-P Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7623BSTZ-P Datasheet HTML 4Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 5Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 6Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 7Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 8Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 9Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 10Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 11Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADV7623
Data Sheet
Rev. D | Page 8 of 16
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
CVDD to GND
2.2 V
DVDD to GND
2.2 V
PVDD to GND
2.2 V
DVDDIO to GND
4.0 V
TVDD to GND
4.0 V
TXAVDD to GND
2.2 V
TXPVDD to GND
2.2 V
TXPLVDD to GND
2.2 V
Digital Inputs Voltage to GND
GND − 0.3 V to DVDDIO + 0.3 V
up to a maximum of 4.0 V
5 V Tolerant Digital Inputs to GND1
5.5 V
Digital Output Voltage to GND
GND − 0.3 V to DVDDIO + 0.3 V
up to a maximum of 4.0 V
XTAL, XTAL1 Pins
−0.3 V to PVDD to +0.3 V
Maximum Junction Temperature
(TJ MAX)
125°C
Storage Temperature
150°C
Infrared Reflow, Soldering (20 sec)
260°C
1
The following inputs are 3.3 V inputs but are 5 V tolerant: DDCA_SCL,
DDCA_SDA, DDCB_SCL, DDCB_SDA, DDCC_SCL, DDCC_SDA, DDCD_SCL,
DDCD_SDA, TXDDC_SDA, TXDDC_SCL, HP_CTRLA, HP_CTRLB, HP_CTRLC,
HP_CTRLD, HPD_ARC−, 5V_DETA, 5V_DETB, 5V_DETC, 5V_DETD, PWRDN,
CEC, ARC+.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PACKAGE THERMAL PERFORMANCE
To reduce power consumption when using the ADV7623, turn
off the unused sections of the part.
Due to printed circuit board (PCB) metal variation and, thus,
variation in PCB heat conductivity, the value of θJA may differ
for various PCBs.
The most efficient measurement solution is obtained using the
package surface temperature to estimate the die temperature
because this eliminates the variance associated with the θJA value.
The maximum junction temperature (TJMAX) of 125°C must not
be exceeded. The following equation calculates the junction
temperature using the measured package surface temperature
and applies only when no heat sink is used on the DUT:
TJ = TS + (ΨJT × WTOTAL)
where:
TS = the package surface temperature (°C).
ΨJT = 0.6°C/W for a 144-lead LQFP.
WTOTAL = ((CVDD × ICVDD) + (DVDD × IDVDD) +
(PVDD × IPVDD) + (DVDDIO × IDVDDIO) +
(0.7 × TVDD × ITVDD) + (TXAVDD × ITXAVDD) +
(TXPVDD × ITXPVDD) + (TXPLVDD × ITXPLVDD))
Note that for WTOTAL, 5% of TVDD power is dissipated on the
part itself.
ESD CAUTION


Similar Part No. - ADV7623BSTZ-P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
More results

Similar Description - ADV7623BSTZ-P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7844 AD-ADV7844_12 Datasheet
401Kb / 32P
   Quad HDMI Fast Switching Receiver
ADV7622BSTZ AD-ADV7622BSTZ Datasheet
287Kb / 16P
   HDMI Transceiver
REV. D
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
   SINGLE PORT FAST ETHERNET TRANSCEIVER
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
Level One
HVE-9008 LVL1-HVE-9008 Datasheet
210Kb / 3P
   HDSpider 8-Port Cat.5 HDMI Sender with Local HDMI
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
logo
Pericom Semiconductor C...
PI3HDMI2410 PERICOM-PI3HDMI2410 Datasheet
508Kb / 15P
   4-Port HDMI Signal Switch with Control
logo
Silicon image
SII9287B SILICONIMAGE-SII9287B Datasheet
429Kb / 8P
   HDMI Port Processor with InstaPort Viewing Technology
logo
IOGEAR
GHDSW4K4 IOGEAR-GHDSW4K4 Datasheet
161Kb / 3P
   4K 4-Port HDMI Switch with Remote
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com