Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5088 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 2N5088
Description  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5088 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  2N5088 Datasheet HTML 1Page - Fairchild Semiconductor 2N5088 Datasheet HTML 2Page - Fairchild Semiconductor 2N5088 Datasheet HTML 3Page - Fairchild Semiconductor 2N5088 Datasheet HTML 4Page - Fairchild Semiconductor 2N5088 Datasheet HTML 5Page - Fairchild Semiconductor 2N5088 Datasheet HTML 6Page - Fairchild Semiconductor 2N5088 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2N5088
2N5089
MMBT5088
MMBT5089
NPN General Purpose Amplifier
This device is designed for low noise, high gain, general purpose
amplifier applications at collector currents from 1
µA to 50 mA.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
2N5088
2N5089
30
25
V
V
VCBO
Collector-Base Voltage
2N5088
2N5089
35
30
V
V
VEBO
Emitter-Base Voltage
4.5
V
IC
Collector Current - Continuous
100
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
2N5088
2N5089
*MMBT5088
*MMBT5089
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
°C/W
C
B
E
TO-92
C
B
E
SOT-23
Mark: 1Q / 1R
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
 2001 Fairchild Semiconductor Corporation
2N5088/2N5089/MMBT5088/MMBT5089, Rev A


Similar Part No. - 2N5088

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5088 ONSEMI-2N5088 Datasheet
281Kb / 6P
   Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 1
logo
Continental Device Indi...
2N5088 CDIL-2N5088 Datasheet
220Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTORS
logo
NXP Semiconductors
2N5088 PHILIPS-2N5088 Datasheet
49Kb / 8P
   NPN general purpose transistor
1997 Sep 03
logo
Foshan Blue Rocket Elec...
2N5088 FOSHAN-2N5088 Datasheet
908Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
Fairchild Semiconductor
2N5088 FAIRCHILD-2N5088 Datasheet
98Kb / 7P
   NPN General Purpose Amplifier
More results

Similar Description - 2N5088

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com