Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74AS652WM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74AS652WM
Description  Octal Bus Transceiver and Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS652WM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74AS652WM Datasheet HTML 1Page - Fairchild Semiconductor DM74AS652WM Datasheet HTML 2Page - Fairchild Semiconductor DM74AS652WM Datasheet HTML 3Page - Fairchild Semiconductor DM74AS652WM Datasheet HTML 4Page - Fairchild Semiconductor DM74AS652WM Datasheet HTML 5Page - Fairchild Semiconductor DM74AS652WM Datasheet HTML 6Page - Fairchild Semiconductor DM74AS652WM Datasheet HTML 7Page - Fairchild Semiconductor DM74AS652WM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 3)
Note 3: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Supply Voltage
7V
Input Voltage
Control Inputs
7V
I/O Ports
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
41.1
°C/W
M Package
81.5
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−15
mA
IOL
LOW Level Output Current
48
mA
fCLK
Clock Frequency
0
90
MHz
tWCLK
Width of Enable Pulse
HIGH
5
ns
LOW
6
tSU
Data Setup Time
6
ns
tH
Data Hold Time
0
ns
TA
Operating Free Air Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = 4.5V
IOH = Max
2
Output Voltage
IOH = −3 mA
2.4
3.2
V
VCC = 4.5V to 5.5V
IOH = −2 mA
VCC − 2
VOL
LOW Level Output Voltage
VCC = 4.5V, IOL = Max
0.35
0.5
V
II
Input Current at
VCC = 5.5V
VI = 7V
Control Inputs
0.1
mA
Max Input Voltage
VI = 5.5V
A or B Ports
0.1
IIH
HIGH Level
VCC = 5.5V,
Control Inputs
20
µA
Input Current
VIH = 2.7V
A or B Ports
70
IIL
LOW Level
VCC = 5.5V,
Control Inputs
−0.5
mA
Input Current
VIL = 0.4V
A or B Ports
−0.75
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
110
185
mA
DM74AS651
Outputs LOW
120
195
Outputs Disabled
130
195
Outputs HIGH
120
195
DM74AS652
Outputs LOW
130
211
Outputs Disabled
130
211


Similar Part No. - DM74AS652WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS652WM FAIRCHILD-DM74AS652WM Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74AS652WM FAIRCHILD-DM74AS652WM Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
More results

Similar Description - DM74AS652WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74AS646 FAIRCHILD-DM74AS646 Datasheet
84Kb / 8P
   Octal Bus Transceiver and Register
DM74ALS646 FAIRCHILD-DM74ALS646_01 Datasheet
60Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS646 FAIRCHILD-DM74ALS646 Datasheet
56Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652 FAIRCHILD-DM74ALS652 Datasheet
57Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652-01 FAIRCHILD-DM74ALS652-01 Datasheet
61Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com