Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21487KSWZ-3B Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-21487KSWZ-3B
Description  SHARC Processor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21487KSWZ-3B Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-21487KSWZ-3B Datasheet HTML 2Page - Analog Devices ADSP-21487KSWZ-3B Datasheet HTML 3Page - Analog Devices ADSP-21487KSWZ-3B Datasheet HTML 4Page - Analog Devices ADSP-21487KSWZ-3B Datasheet HTML 5Page - Analog Devices ADSP-21487KSWZ-3B Datasheet HTML 6Page - Analog Devices ADSP-21487KSWZ-3B Datasheet HTML 7Page - Analog Devices ADSP-21487KSWZ-3B Datasheet HTML 8Page - Analog Devices ADSP-21487KSWZ-3B Datasheet HTML 9Page - Analog Devices ADSP-21487KSWZ-3B Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
Rev. B
|
Page 6 of 68
|
March 2013
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
subtract in both processing elements while branching and fetch-
ing up to four 32-bit values from memory, all in a single
instruction.
Variable Instruction Set Architecture (VISA)
In addition to supporting the standard 48-bit instructions from
previous SHARC processors, the ADSP-2148x supports new
instructions of 16 and 32 bits. This feature, called Variable
Instruction Set Architecture (VISA), drops redundant/unused
bits within the 48-bit instruction to create more efficient and
compact code. The program sequencer supports fetching these
16-bit and 32-bit instructions from both internal and external
SDRAM memory. This support is not extended to the
asynchronous memory interface (AMI). Source modules need
to be built using the VISA option, in order to allow code genera-
tion tools to create these more efficient opcodes.
On-Chip Memory
The ADSP-21483 and the ADSP-21488 processors contain
3 Mbits of internal RAM (Table 3) and the ADSP-21486,
ADSP-21487, and ADSP-21489 processors contain 5 Mbits of
internal RAM (Table 4). Each memory block supports single-
cycle, independent accesses by the core processor and I/O
processor.
The processor’s SRAM can be configured as a maximum of
160k words of 32-bit data, 320k words of 16-bit data, 106.7k
words of 48-bit instructions (or 40-bit data), or combinations of
different word sizes up to 5 megabits. All of the memory can be
accessed as 16-bit, 32-bit, 48-bit, or 64-bit words. A 16-bit
floating-point storage format is supported that effectively dou-
bles the amount of data that may be stored on-chip. Conversion
between the 32-bit floating-point and 16-bit floating-point
formats is performed in a single instruction. While each mem-
ory block can store combinations of code and data, accesses are
most efficient when one block stores data using the DM bus for
transfers, and the other block stores instructions and data using
the PM bus for transfers.
Using the DM bus and PM buses, with one bus dedicated to a
memory block, assures single-cycle execution with two data
transfers. In this case, the instruction must be available in the
cache.
The memory maps in Table 3 and Table 4 display the internal
memory address space of the processors. The 48-bit space sec-
tion describes what this address range looks like to an
Table 3. Internal Memory Space (3 MBits—ADSP-21483/ADSP-21488)1
IOP Registers 0x0000 0000–0x0003 FFFF
Long Word (64 Bits)
Extended Precision Normal or
Instruction Word (48 Bits)
Normal Word (32 Bits)
Short Word (16 Bits)
Block 0 ROM (Reserved)
0x0004 0000–0x0004 7FFF
Block 0 ROM (Reserved)
0x0008 0000–0x0008 AAA9
Block 0 ROM (Reserved)
0x0008 0000–0x0008 FFFF
Block 0 ROM (Reserved)
0x0010 0000–0x0011 FFFF
Reserved
0x0004 8000–0x0004 8FFF
Reserved
0x0008 AAAA–0x0008 BFFF
Reserved
0x0009 0000–0x0009 1FFF
Reserved
0x0012 0000–0x0012 3FFF
Block 0 SRAM
0x0004 9000–0x0004 CFFF
Block 0 SRAM
0x0008 C000–0x0009 1554
Block 0 SRAM
0x0009 2000–0x0009 9FFF
Block 0 SRAM
0x0012 4000–0x0013 3FFF
Reserved
0x0004 D000–0x0004 FFFF
Reserved
0x0009 1555–0x0009 FFFF
Reserved
0x0009 A000–0x0009 FFFF
Reserved
0x0013 4000–0x0013 FFFF
Block 1 ROM (Reserved)
0x0005 0000–0x0005 7FFF
Block 1 ROM (Reserved)
0x000A 0000–0x000A AAA9
Block 1 ROM (Reserved)
0x000A 0000–0x000A FFFF
Block 1 ROM (Reserved)
0x0014 0000–0x0015 FFFF
Reserved
0x0005 8000–0x0005 8FFF
Reserved
0x000A AAAA–0x000A BFFF
Reserved
0x000B 0000–0x000B 1FFF
Reserved
0x0016 0000–0x0016 3FFF
Block 1 SRAM
0x0005 9000–0x0005 CFFF
Block 1 SRAM
0x000A C000–0x000B 1554
Block 1 SRAM
0x000B 2000–0x000B 9FFF
Block 1 SRAM
0x0016 4000–0x0017 3FFF
Reserved
0x0005 D000–0x0005 FFFF
Reserved
0x000B 1555–0x000B FFFF
Reserved
0x000B A000–0x000B FFFF
Reserved
0x0017 4000–0x0017 FFFF
Block 2 SRAM
0x0006 0000–0x0006 1FFF
Block 2 SRAM
0x000C 0000–0x000C 2AA9
Block 2 SRAM
0x000C 0000–0x000C 3FFF
Block 2 SRAM
0x0018 0000–0x0018 7FFF
Reserved
0x0006 2000– 0x0006 FFFF
Reserved
0x000C 2AAA–0x000D FFFF
Reserved
0x000C 4000–0x000D FFFF
Reserved
0x0018 8000–0x001B FFFF
Block 3 SRAM
0x0007 0000–0x0007 1FFF
Block 3 SRAM
0x000E 0000–0x000E 2AA9
Block 3 SRAM
0x000E 0000–0x000E 3FFF
Block 3 SRAM
0x001C 0000–0x001C 7FFF
Reserved
0x0007 2000–0x0007 FFFF
Reserved
0x000E 2AAA–0x000F FFFF
Reserved
0x000E 4000–0x000F FFFF
Reserved
0x001C 8000–0x001F FFFF
1 Some ADSP-2148x processors include a customer-definable ROM block. ROM addresses on these models are not reserved as shown in this table. Please contact your Analog
Devices sales representative for additional details.


Similar Part No. - ADSP-21487KSWZ-3B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21487KSWZ-3B AD-ADSP-21487KSWZ-3B Datasheet
1Mb / 71P
   SHARC Processor
ADSP-21487KSWZ-3BB AD-ADSP-21487KSWZ-3BB Datasheet
1Mb / 71P
   SHARC Processor
More results

Similar Description - ADSP-21487KSWZ-3B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com