Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C922WMX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74C922WMX
Description  16-Key Encoder 20-Key Encoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C922WMX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74C922WMX Datasheet HTML 1Page - Fairchild Semiconductor MM74C922WMX Datasheet HTML 2Page - Fairchild Semiconductor MM74C922WMX Datasheet HTML 3Page - Fairchild Semiconductor MM74C922WMX Datasheet HTML 4Page - Fairchild Semiconductor MM74C922WMX Datasheet HTML 5Page - Fairchild Semiconductor MM74C922WMX Datasheet HTML 6Page - Fairchild Semiconductor MM74C922WMX Datasheet HTML 7Page - Fairchild Semiconductor MM74C922WMX Datasheet HTML 8Page - Fairchild Semiconductor MM74C922WMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 2)
Note 2: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The table of “Electrical Characteristics” provides
conditions for actual device operation.
DC Electrical Characteristics
Min/Max limits apply across temperature range unless otherwise specified
Voltage at Any Pin
VCC − 0.3V to V CC + 0.3V
Operating Temperature Range
MM74C922, MM74C923
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Power Dissipation (P D)
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
3V to 15V
VCC
18V
Lead Temperature
(Soldering, 10 seconds)
260
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VT+
Positive-Going Threshold Voltage
VCC = 5V, IIN ≥ 0.7 mA
3.0
3.6
4.3
V
at Osc and KBM Inputs
VCC = 10V, IIN ≥ 1.4 mA
6.0
6.8
8.6
V
VCC = 15V, IIN ≥ 2.1 mA
9.0
10
12.9
V
VT−
Negative-Going Threshold Voltage
VCC = 5V, IIN ≥ 0.7 mA
0.7
1.4
2.0
V
at Osc and KBM Inputs
VCC = 10V, IIN ≥ 1.4 mA
1.4
3.2
4.0
V
VCC = 15V, IIN ≥ 2.1 mA
2.1
5
6.0
V
VIN(1)
Logical “1” Input Voltage,
VCC = 5V
3.5
4.5
V
Except Osc and KBM Inputs
VCC = 10V
8.0
9
V
VCC = 15V
12.5
13.5
V
VIN(0)
Logical “0” Input Voltage,
VCC = 5V
0.5
1.5
V
Except Osc and KBM Inputs
VCC = 10V
1
2
V
VCC = 15V
1.5
2.5
V
Irp
Row Pull-Up Current at Y1, Y2,
VCC = 5V, VIN = 0.1 VCC
−2
−5
µA
Y3, Y4 and Y5 Inputs
VCC = 10V
−10
−20
µA
VCC = 15V
−22
−45
µA
VOUT(1)
Logical “1” Output Voltage
VCC = 5V, IO = −10 µA4.5
V
VCC = 10V, IO = −10 µA9
V
VCC = 15V, IO = −10 µA13.5
V
VOUT(0)
Logical “0” Output Voltage
VCC = 5V, IO = 10 µA0.5
V
VCC = 10V, IO = 10 µA
1
V
VCC = 15V, IO = 10 µA
1.5
V
Ron
Column “ON” Resistance at
VCC = 5V, VO = 0.5V
500
1400
X1, X2, X3 and X4 Outputs
VCC = 10V, VO = 1V
300
700
VCC = 15V, VO = 1.5V
200
500
ICC
Supply Current
VCC = 5V
0.55
1.1
mA
Osc at 0V, (one Y low)
VCC = 10V
1.1
1.9
mA
VCC = 15V
1.7
2.6
mA
IIN(1)
Logical “1” Input Current
VCC = 15V, VIN = 15V
0.005
1.0
µA
at Output Enable
IIN(0)
Logical “0” Input Current
VCC = 15V, VIN = 0V
−1.0
−0.005
µA
at Output Enable
CMOS/LPTTL INTERFACE
VIN(1)
Except Osc and KBM Inputs
VCC = 4.75V
VCC − 1.5
V
VIN(0)
Except Osc and KBM Inputs
VCC = 4.75V
0.8
V
VOUT(1)
Logical “1” Output Voltage
IO = −360 µA
VCC = 4.75V
2.4
V
IO = −360 µA


Similar Part No. - MM74C922WMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922WM FAIRCHILD-MM74C922WM Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
MM74C922WM FAIRCHILD-MM74C922WM Datasheet
131Kb / 11P
   16-Key Encoder ??20-Key Encoder
More results

Similar Description - MM74C922WMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
   16-Key Encoder ??20-Key Encoder
MM74C922 FAIRCHILD-MM74C922 Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
logo
National Semiconductor ...
MM54C922 NSC-MM54C922 Datasheet
218Kb / 10P
   16, 20-Key Encoder
logo
Rohm
BU1851GUW ROHM-BU1851GUW Datasheet
290Kb / 13P
   GPIO ICs Series Key Encoder IC
logo
Texas Instruments
TMS5001NL TI-TMS5001NL Datasheet
401Kb / 6P
[Old version datasheet]   4-MODE DYNAMIC 90-KEY KEYBOARD ENCODER
logo
Shenzhen Huazhimei Semi...
HM2241 HMSEMI-HM2241 Datasheet
432Kb / 14P
   2-key 1 encoder capacitive touch chip
logo
Bourns Electronic Solut...
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
logo
IC-Haus GmbH
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16 Datasheet
281Kb / 3P
   16 mm Incremental Encoder
PEC16 BOURNS-PEC16_13 Datasheet
359Kb / 3P
   16 mm Incremental Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com