Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC-4627JRG Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTC-4627JRG
Description  The LTC-4627JR is a 0.4 inch 10.0mm digit height quadruple digit seven-segment display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-4627JRG Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTC-4627JRG Datasheet HTML 1Page - Lite-On Technology Corporation LTC-4627JRG Datasheet HTML 2Page - Lite-On Technology Corporation LTC-4627JRG Datasheet HTML 3Page - Lite-On Technology Corporation LTC-4627JRG Datasheet HTML 4Page - Lite-On Technology Corporation LTC-4627JRG Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
  
 

  
'%&
     


Similar Part No. - LTC-4627JRG

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTC-4627JF LITEON-LTC-4627JF Datasheet
369Kb / 6P
   LED Display
LTC-4627JS LITEON-LTC-4627JS Datasheet
122Kb / 6P
   0.4inch (10.0mm) DIGIT HEIGHT.
More results

Similar Description - LTC-4627JRG

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTC-4724JR LITEON-LTC-4724JR Datasheet
140Kb / 5P
   The LTC-4724JR is a 0.4 inch 10.0mm digit height triple digit seven-segment display
LTS-4301E LITEON-LTS-4301E Datasheet
132Kb / 5P
   0.4 inch (10.0mm) digit height single digit, seven-segment display
LTS-4301B LITEON-LTS-4301B Datasheet
142Kb / 5P
   The LTS-4301B is a 0.4 inch 10.0mm digit height single digit seven-segent display
LTC-4625G LITEON-LTC-4625G Datasheet
390Kb / 6P
   0.4 inch (10 mm) digit height quadruple digit seven-segment display
LTS4301G LITEON-LTS4301G Datasheet
130Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS4801G LITEON-LTS4801G Datasheet
128Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS-4640AE LITEON-LTS-4640AE Datasheet
106Kb / 5P
   The LTS-4640AE is a 0.4-inch (10.16-mm) digit height single digit seven-segment display.
LTC-4727JF LITEON-LTC-4727JF Datasheet
147Kb / 5P
   0.4 inch (10.0mm) DIGIT HEIGHT
LTC-4624JR LITEON-LTC-4624JR Datasheet
144Kb / 5P
   0.4 inch (10.0mm) DIGIT HEIGHT
LTC-4727JS LITEON-LTC-4727JS Datasheet
147Kb / 5P
   0.4 inch (10.0mm) DIGIT HEIGHT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com