Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG412CUE-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DG412CUE-T
Description  Improved, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG412CUE-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DG412CUE-T Datasheet HTML 4Page - Maxim Integrated Products DG412CUE-T Datasheet HTML 5Page - Maxim Integrated Products DG412CUE-T Datasheet HTML 6Page - Maxim Integrated Products DG412CUE-T Datasheet HTML 7Page - Maxim Integrated Products DG412CUE-T Datasheet HTML 8Page - Maxim Integrated Products DG412CUE-T Datasheet HTML 9Page - Maxim Integrated Products DG412CUE-T Datasheet HTML 10Page - Maxim Integrated Products DG412CUE-T Datasheet HTML 11Page - Maxim Integrated Products DG412CUE-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Improved, Quad,
SPST Analog Switches
8
_______________________________________________________________________________________
Figure 6. Crosstalk
IN
0V or
2.4V
SIGNAL
GENERATOR
+15V
C
VL
ANALYZER
D
RL
GND
S
C
-15V
V-
+5V
V+
DG411
DG412
DG413
SIGNAL
GENERATOR 0dBm
+15V
C
ANALYZER
D
RL
GND
S
C
V-
-15V
0V or 2.4V
IN1
D
50
Ω
VL
S
+5V
IN2
0V or 2.4V
V+
DG411
DG412
DG413
Figure 5. Off-Isolation
_________________________________Timing Diagrams/Test Circuits (continued)
CAPACITANCE
METER
D
S
GND
C
V-
-15V
IN
0V or
2.4V
C
+15V
VL
+5V
f = 1MHz
V+
DG411
DG412
DG413
CAPACITANCE
METER
D
S
GND
C
V-
-15V
IN
0V or
2.4V
C
+15V
VL
+5V
f = 1MHz
V+
DG411
DG412
DG413
Figure 7. Channel Off-Capacitance
Figure 8. Channel On-Capacitance


Similar Part No. - DG412CUE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG412CUE MAXIM-DG412CUE Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG412CUE MAXIM-DG412CUE Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
More results

Similar Description - DG412CUE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com