Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1020S-15 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1020S-15
Description  Programmable 8-Bit Silicon Delay Line
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1020S-15 Datasheet(HTML) 9 Page - Maxim Integrated Products

  DS1020S-15 Datasheet HTML 1Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 2Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 3Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 4Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 5Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 6Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 7Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 8Page - Maxim Integrated Products DS1020S-15 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DS1020
9 of 9
TIMING DIAGRAM: SERIAL MODE (S = 0) Figure 8
NOTES:
1. All voltages are referenced to ground.
2. @VCC = 5V and 25°C. Delay accurate on both rising and falling edges within tolerances given in
Table 1.
3. Measured with output open.
4. The “Q” output will only source 4 mA. This pin is only intended to drive other DS1020s.


Similar Part No. - DS1020S-15

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1020 DALLAS-DS1020 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020-100 DALLAS-DS1020-100 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020-15 DALLAS-DS1020-15 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020-200 DALLAS-DS1020-200 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020-25 DALLAS-DS1020-25 Datasheet
193Kb / 9P
   Programmable 8-Bit Silicon Delay Line
More results

Similar Description - DS1020S-15

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020 DALLAS-DS1020 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
logo
Data Delay Devices, Inc...
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D3438 DATADELAY-3D3438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D7438 DATADELAY-3D7438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com