Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD6836CX421P Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LD6836CX421P
Description  Ultra low dropout regulators, low noise, 300 mA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LD6836CX421P Datasheet(HTML) 2 Page - NXP Semiconductors

  LD6836CX421P Datasheet HTML 1Page - NXP Semiconductors LD6836CX421P Datasheet HTML 2Page - NXP Semiconductors LD6836CX421P Datasheet HTML 3Page - NXP Semiconductors LD6836CX421P Datasheet HTML 4Page - NXP Semiconductors LD6836CX421P Datasheet HTML 5Page - NXP Semiconductors LD6836CX421P Datasheet HTML 6Page - NXP Semiconductors LD6836CX421P Datasheet HTML 7Page - NXP Semiconductors LD6836CX421P Datasheet HTML 8Page - NXP Semiconductors LD6836CX421P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LD6836_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 5 October 2012
2 of 28
NXP Semiconductors
LD6836 series
Ultra low dropout regulators, low noise, 300 mA
1.3 Applications
Analog and digital interfaces requiring lower than standard supply voltages in mobile
appliances such as smartphones, mobile phone handsets and cordless telephones. Other
typical applications are digital still cameras, mobile internet devices, personal navigation
devices and portable media players.
2.
Pinning information
2.1 Pinning
2.2 Pin description
Fig 1.
Pin configuration for SOT753
Fig 2.
Pin configuration for WLCSP4
13
2
4
5
001aao107
transparent top view,
solder balls facing down
B
A
2
1
bump A1
index area
Table 1.
Pin description for SOT753
Symbol
Pin
Description
IN
1
regulator input voltage
GND
2
supply ground
EN
3
device enable input; active HIGH
n.c.
4
not connected
OUT
5
regulator output voltage
Table 2.
Pin description for WLCSP4
Symbol
Pin
Description
GND
A1
supply ground
EN
A2
device enable input; active HIGH
OUT
B1
regulator output voltage
IN
B2
regulator input voltage


Similar Part No. - LD6836CX421P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LD6836CX4 NXP-LD6836CX4 Datasheet
13Mb / 24P
   DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
More results

Similar Description - LD6836CX421P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
logo
Texas Instruments
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
Rohm
BHXXFB_LB_MA-E ROHM-BHXXFB_LB_MA-E Datasheet
702Kb / 9P
   low dropout CMOS regulators with 150 mA and 300 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com