Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD6836CX4C14P Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LD6836CX4C14P
Description  Ultra low dropout regulators, low noise, 300 mA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LD6836CX4C14P Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LD6836CX4C14P Datasheet HTML 3Page - NXP Semiconductors LD6836CX4C14P Datasheet HTML 4Page - NXP Semiconductors LD6836CX4C14P Datasheet HTML 5Page - NXP Semiconductors LD6836CX4C14P Datasheet HTML 6Page - NXP Semiconductors LD6836CX4C14P Datasheet HTML 7Page - NXP Semiconductors LD6836CX4C14P Datasheet HTML 8Page - NXP Semiconductors LD6836CX4C14P Datasheet HTML 9Page - NXP Semiconductors LD6836CX4C14P Datasheet HTML 10Page - NXP Semiconductors LD6836CX4C14P Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LD6836_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 5 October 2012
7 of 28
NXP Semiconductors
LD6836 series
Ultra low dropout regulators, low noise, 300 mA
7.
Thermal characteristics
[1]
The overall Rth(j-a) can vary depending on the board layout. To minimize the effective Rth(j-a), all pins must have a solid connection to
larger Cu layer areas for example to the power and ground layer. In multi-layer PCB applications, the second layer is used to create a
large heat spreader area directly below the LDO. If this layer is either ground or power, it is connected with several vias to the top layer
connecting to the device ground or supply. Avoid the use of solder-stop varnish under the chip.
[2]
Use the measurement data given for a rough estimation of the Rth(j-a) in your application. The actual Rth(j-a) value can vary in applications
using different layer stacks and layouts.
8.
Characteristics
Table 11.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient LD6836CX4, LD6836CX4/C
[1][2] 130
K/W
LD6836TD
[1][2] 125
K/W
Table 12.
Electrical characteristics
At recommended input voltages and Tamb = 40 C to +85 C; voltages are referenced to GND (ground = 0 V);
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Output voltage
Vdo
dropout voltage
IOUT =300 mA; VIN <VO(nom)
[1]
LD6836CX4, LD6836CX4/C
-
90
160
mV
LD6836TD
-
100
200
mV
V
O
output voltage variation
VOUT <1.8 V; IOUT =1mA
Tamb =+25 C
3
0.5
+3
%
30 C  T
amb  +85 C
4-
+4
%
VOUT  1.8 V; IOUT =1mA
Tamb =+25 C
2
0.5
+2
%
30 C  T
amb  +85 C
3-
+3
%
Line regulation error
V
O/(VOxVI)
relative output voltage
variation with input voltage
VIN =(VO(nom) + 0.2 V) to 5.5 V
[1]
0.1
-
+0.1
%/V
Load regulation error
V
O/(VOxIO)
relative output voltage
variation with output current
1mA
 I
OUT  300 mA
-
0.0025 0.01
%/mA
Output current
IOUT
current on pin OUT
-
-
300
mA
IOM
peak output current
VIN =(VO(nom) + 0.2 V) to 5.5 V
[1]
VO(nom) >1.8V;
VOUT =0.95  VO(nom)
350
-
-
mA
VO(nom) <1.8 V;
VOUT =0.9  VO(nom)
350
-
-
mA
Isc
short-circuit current
pin OUT
-
600
-
mA


Similar Part No. - LD6836CX4C14P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LD6836CX4 NXP-LD6836CX4 Datasheet
13Mb / 24P
   DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
More results

Similar Description - LD6836CX4C14P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
logo
Texas Instruments
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
Rohm
BHXXFB_LB_MA-E ROHM-BHXXFB_LB_MA-E Datasheet
702Kb / 9P
   low dropout CMOS regulators with 150 mA and 300 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com