Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD6836TD13H Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LD6836TD13H
Description  Ultra low dropout regulators, low noise, 300 mA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LD6836TD13H Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LD6836TD13H Datasheet HTML 4Page - NXP Semiconductors LD6836TD13H Datasheet HTML 5Page - NXP Semiconductors LD6836TD13H Datasheet HTML 6Page - NXP Semiconductors LD6836TD13H Datasheet HTML 7Page - NXP Semiconductors LD6836TD13H Datasheet HTML 8Page - NXP Semiconductors LD6836TD13H Datasheet HTML 9Page - NXP Semiconductors LD6836TD13H Datasheet HTML 10Page - NXP Semiconductors LD6836TD13H Datasheet HTML 11Page - NXP Semiconductors LD6836TD13H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LD6836_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 5 October 2012
8 of 28
NXP Semiconductors
LD6836 series
Ultra low dropout regulators, low noise, 300 mA
[1]
VO(nom) = nominal output voltage (device specific).
Regulator quiescent current
Iq
quiescent current
VEN =1.4 V; IOUT = 0 mA
-
70
100
A
VEN =1.4 V; 1 mA  IOUT  300 mA
-
155
250
A
VEN  0.4 V
-
0.1
1
A
Ripple rejection and output noise
PSRR
power supply rejection ratio
VIN =VO(nom) +1.0 V; IOUT =30mA;
fripple = 1 kHz
[1] -
55
-
dB
Vn(o)(RMS)
RMS output noise voltage
fripple = 10 Hz to 100 kHz;
CL(ext) =1 F
-30
-
V
Enable input and timing
VIL
LOW-level input voltage
pin EN
0
-
0.4
V
VIH
HIGH-level input voltage
pin EN
1.1
-
5.5
V
tstartup(reg)
regulator start-up time
VIN =5.5 V; VOUT =0.95  VO(nom);
IOUT =300 mA; CL(ext) =1 F
[1] -
150
-
s
LD6836x/xxP; auto discharge function
tsd(reg)
regulator shutdown time
VIN =5.5 V; VOUT =0.05  VO(nom);
CL(ext) =1 F
-
300
-
s
Rpd
pull-down resistance
-
100
-
Over-temperature protection
Tsd
shutdown temperature
-
160
-
C
Tsd(hys)
shutdown temperature
hysteresis
-20
-
K
Table 12.
Electrical characteristics …continued
At recommended input voltages and Tamb = 40 C to +85 C; voltages are referenced to GND (ground = 0 V);
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - LD6836TD13H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LD6836TD NXP-LD6836TD Datasheet
13Mb / 24P
   DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
More results

Similar Description - LD6836TD13H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
logo
Texas Instruments
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
Rohm
BHXXFB_LB_MA-E ROHM-BHXXFB_LB_MA-E Datasheet
702Kb / 9P
   low dropout CMOS regulators with 150 mA and 300 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com