Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF25-222ETZ Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HF25-222ETZ
Description  The Versatile Fiber Optic Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HF25-222ETZ Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HF25-222ETZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HF25-222ETZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HF25-222ETZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HF25-222ETZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HF25-222ETZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HF25-222ETZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HF25-222ETZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HF25-222ETZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HF25-222ETZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
HFBR-15X1ETZ Transmitter
All HFBR-15XXETZ LED transmitters are classified as IEC 825-1 Accessible Emission Limit (AEL) Class 1 based upon the current proposed
draft scheduled to go into effect on January 1, 1997. AEL Class 1 LED devices are considered eye safe. Contact your local Avago sales
representative for more information.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Reference
Storage Temperature
TS
–40
+85
°C
Operating Temperature
TA
–40
+85
°C
Lead Soldering Cycle
Temp.
260
°C
Note 1, 4
Time
10
sec
Forward Input Current
IFPK
1000
mA
Note 2, 3
IFdc
80
Reverse Input Voltage
VBR
5
V
Notes:
1. 1.6 mm below seating plane.
2. Recommended operating range between 10 and 750 mA.
3. 1
s pulse, 20 s period.
4. Moisture sensitivity level is MSL-3
Pin #
Function
1
Anode
2
Cathode
3
Ground
4
Ground
5
Ground
8
Ground
Note: Pins 5 and 8 are for mounting and retaining purposes
only. Do not electrically connect these pins.
ANODE
1
CATHODE
2
GROUND
3
GROUND
4
8 GROUND
5 GROUND


Similar Part No. - HF25-222ETZ

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HF250-50 ASI-HF250-50 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF250-50 ASI-HF250-50 Datasheet
346Kb / 2P
   NPN SILICON RF POWER TRANSISTOR
HF250-50 ASI-HF250-50_07 Datasheet
346Kb / 2P
   NPN SILICON RF POWER TRANSISTOR
logo
Hongfa Technology
HF25F HONGFA-HF25F Datasheet
90Kb / 4P
   SUBMINIATURE HIGH POWER RELAY
HF25F HONGFA-HF25F Datasheet
83Kb / 4P
   SUBMINIATURE HIGH POWER RELAY
More results

Similar Description - HF25-222ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com