Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3322EEUP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3322EEUP
Description  Multidrop Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3322EEUP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3322EEUP Datasheet HTML 4Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 5Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 6Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 7Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 8Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 9Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 10Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 11Page - Maxim Integrated Products MAX3322EEUP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
IEC 1000-4-2
The IEC 1000-4-2 standard covers ESD testing and
performance of finished equipment; it does not refer
specifically to integrated circuits. The MAX3322E/
MAX3323E help the user design equipment that meets
level 4 of IEC 1000-4-2, without the need for additional
ESD-protection components. The major difference
between tests done using the Human Body Model and
IEC 1000-4-2 is a higher peak current in IEC 1000-4-2,
because series resistance is lower in the IEC 1000-4-2
model. Hence, the ESD withstand voltage measured to
IEC 1000-4-2 is generally lower than that measured
using the Human Body Model. Figure 7 shows the IEC
1000-4-2 model. Figure 8 shows the current waveform it
generates when discharged into a low impedance. The
Air-Gap Discharge test involves approaching the
device with a charged probe. The Contact Discharge
method connects the probe to the device before the
probe is energized.
Machine Model
The Machine Model for ESD tests all pins using a
200pF storage capacitor and zero discharge resis-
tance. Its objective is to emulate the stress caused by
contact that occurs with handling and assembly during
manufacturing. All pins require this protection during
manufacturing. Therefore, after PC board assembly, the
Machine Model is less relevant to I/O ports.
Applications Information
The capacitor type used for C1–C4 is not critical for
proper operation; polarized or nonpolarized capacitors
can be used. The charge pump requires 0.1µF capaci-
tors for 3.3V operation. For other supply voltages, see
Table 2 for required capacitor values. Do not use val-
ues smaller than those listed in Table 2. Increasing the
capacitor values (e.g., by a factor of 2) reduces ripple
±15kV ESD-Protected, RS-232 Transceivers for
Multidrop Applications
8
____________________________________________________
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
RD
1.5k
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 5. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 6. Human Body Model Current Waveform
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC
50
Ω to 100Ω
RD
330
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 7. IEC 1000-4-2 ESD Test Model
tr = 0.7ns TO 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 8. IEC 1000-4-2 ESD Generator Current Waveform


Similar Part No. - MAX3322EEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3322EEUP MAXIM-MAX3322EEUP Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results

Similar Description - MAX3322EEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
logo
Exar Corporation
DAN-200 EXAR-DAN-200 Datasheet
149Kb / 4P
   MULTIDROP/9-BIT MODE FEATURE
logo
National Semiconductor ...
SCANSTA112 NSC-SCANSTA112_05 Datasheet
690Kb / 15P
   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112 NSC-SCANSTA112 Datasheet
300Kb / 15P
   7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
Texas Instruments
SCANSTA112 TI1-SCANSTA112_15 Datasheet
1Mb / 22P
[Old version datasheet]   SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112 TI1-SCANSTA112_14 Datasheet
1Mb / 23P
[Old version datasheet]   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
logo
Schneider Electric
VW3A8106 SCHNEIDER-VW3A8106 Datasheet
76Kb / 1P
   Modbus multidrop connection kit for PC serial port
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Maxim Integrated Produc...
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com