Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4188ESD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4188ESD
Description  Current-Feedback Amplifiers with High-Speed Disable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4188ESD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4188ESD Datasheet HTML 1Page - Maxim Integrated Products MAX4188ESD Datasheet HTML 2Page - Maxim Integrated Products MAX4188ESD Datasheet HTML 3Page - Maxim Integrated Products MAX4188ESD Datasheet HTML 4Page - Maxim Integrated Products MAX4188ESD Datasheet HTML 5Page - Maxim Integrated Products MAX4188ESD Datasheet HTML 6Page - Maxim Integrated Products MAX4188ESD Datasheet HTML 7Page - Maxim Integrated Products MAX4188ESD Datasheet HTML 8Page - Maxim Integrated Products MAX4188ESD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Single/Triple, Low-Glitch, 250MHz, Current-
Feedback Amplifiers with High-Speed Disable
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS—Single Supply
(VCC = +5V; VEE = 0V; IN+ = 2.5V; DISABLE_ ≥ 3.2V; RL to VCC / 2; MAX4188: AV = +2V/V, RF = RG = 1.1kΩ for RL = 1kΩ and RF =
RG = 620Ω for RL = 150Ω; MAX4189: AV = +1V/V, RF = 1500Ω for RL = 1kΩ and RF = 1600Ω for RL = 150Ω; MAX4190: AV = +2V/V,
RF = RG = 1300Ω for RL = 1kΩ, RF = RG = 680Ω for RL = 150Ω; TA = TMIN to TMAX, unless otherwise noted. Typical values are speci-
fied at TA = +25°C.)
RL = 30Ω
RL = open
RL = 150Ω
RL = 1kΩ
mA
1.45V ≤ VOUT ≤ 3.55V, RL = 150Ω
1.5
1.85
1.3V ≤ VOUT ≤ 3.7V, RL = 1kΩ
1.5V ≤ VCM ≤ 3.5V
1.6V ≤ VCM ≤ 3.4V,
VIN+ -VIN-≤ 1V
VCM = 2.5V (Note 1)
Guaranteed by CMRR test
IS
Quiescent Supply Current
(per Amplifier)
DISABLE_ ≤ VIL, RL = open
Inferred from PSRR tests
CONDITIONS
0.2
ROUT
Output Resistance
mA
±50
ISC
Output Short-Circuit Current
mA
±16
±28
IOUT
Output Current
V
1.4 to
1.15 to
3.6
3.85
VSW
mA
1.2 to
0.9 to
3.8
4.1
Output-Voltage Swing
MΩ
0.2
1.0
TR
Open-Loop Transresistance
1.0
6.5
0.45
0.65
dB
48
65
CMRR
Common-Mode Rejection Ratio
pF
2.5
CIN
Input Capacitance
(Positive Input)
300
RIN-
Input Resistance
(Negative Input)
kΩ
100
350
RIN+
Input Resistance
(Positive Input)
µA
±2
±12
IB-
Input Bias Current
(Negative Input)
µA
±1
±10
IB+
Input Bias Current
(Positive Input)
IS(OFF)
Disabled Supply Current
(per Amplifier)
mV
±1
Input Offset Voltage Matching
µV/°C
±10
TCVOS
Input Offset Voltage Tempco
mV
±1.5
±6.0
VOS
Input Offset Voltage
V
1.6 to
1.3 to
3.4
3.7
VCM
Input Voltage Range
V
4.5
5.5
Operating Supply Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DISABLE_ ≤ VIL, 1.2V ≤ VOUT ≤ 3.8V
DISABLE_ ≤ VIL, 1.2V ≤ VOUT ≤ 3.8V (Note 2)
pF
5
COUT(OFF)
Disabled Output Capacitance
µA
0.8
±5
IOUT(OFF)
Disabled Output Leakage
Current
(Note 3)
(Note 3)
V
VCC - 1.8
VIH
DISABLE High Threshold
V
VCC - 3
VIL
DISABLE Low Threshold
VCC = 4.5V to 5.5V
0V ≤ DISABLE_ ≤ VCC
dB
60
75
PSRR+
Power-Supply Rejection
Ratio (VCC)
µA
0.1
2
IIN
DISABLE Input Current


Similar Part No. - MAX4188ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4188ESD MAXIM-MAX4188ESD Datasheet
212Kb / 20P
   Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188ESD++ MAXIM-MAX4188ESD+ Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
More results

Similar Description - MAX4188ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
   Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Texas Instruments
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Intersil Corporation
EL2166 INTERSIL-EL2166 Datasheet
377Kb / 15P
   110MHz Current Feedback Amplifier with Disable
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com