Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX987ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX987ESA
Description  High-Speed, Micropower, Low-Voltage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX987ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX987ESA Datasheet HTML 3Page - Maxim Integrated Products MAX987ESA Datasheet HTML 4Page - Maxim Integrated Products MAX987ESA Datasheet HTML 5Page - Maxim Integrated Products MAX987ESA Datasheet HTML 6Page - Maxim Integrated Products MAX987ESA Datasheet HTML 7Page - Maxim Integrated Products MAX987ESA Datasheet HTML 8Page - Maxim Integrated Products MAX987ESA Datasheet HTML 9Page - Maxim Integrated Products MAX987ESA Datasheet HTML 10Page - Maxim Integrated Products MAX987ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
N.C.
1, 5, 8
No Connection. Not internally connected.
IND-
OUTD
IND+
INC+
13
14
12
10
OUTC
INC-
OUTB
INA-
INB+
INB-
INA+
OUTA
VCC
IN-
VEE
IN+
OUT
Comparator D Inverting Input
8
9
7
2
5
6
3
1
4
11
Comparator D Output
7
2
5
6
3
1
8
4
Comparator D Noninverting Input
Comparator C Output
Comparator C Inverting Input
Comparator B Output
Comparator C Noninverting Input
Comparator A Inverting Input
Comparator B Noninverting Input
Comparator B Inverting Input
Comparator A Noninverting Input
Comparator A Output
2
7
Positive Supply Voltage
4
2
Comparator Inverting Input
5
4
Negative Supply Voltage
3
3
Comparator Noninverting Input
1
6
Comparator Output
SO/
TSSOP
MAX995
MAX996
MAX991
MAX996
SO/µMAX/
SOT23
MAX987
MAX988
SOT23/
SC70
SO
PIN
NAME
FUNCTION


Similar Part No. - MAX987ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX987ESA MAXIM-MAX987ESA Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX987ESA MAXIM-MAX987ESA Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987ESA MAXIM-MAX987ESA Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
More results

Similar Description - MAX987ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX987EUK MAXIM-MAX987EUK Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX480 MAXIM-MAX480 Datasheet
106Kb / 6P
   High-Precision, Low-Voltage, Micropower Op Amp
Rev 3a; 1/98
MAX480 MAXIM-MAX480_V01 Datasheet
232Kb / 7P
   High-Precision, Low-Voltage, Micropower Op Amp
2007
logo
Toshiba Semiconductor
1SS357 TOSHIBA-1SS357_07 Datasheet
282Kb / 3P
   Low Voltage High Speed Switching
1SS384 TOSHIBA-1SS384_07 Datasheet
200Kb / 3P
   Low Voltage High Speed Switching
1SS319 TOSHIBA-1SS319_07 Datasheet
186Kb / 3P
   Low Voltage High Speed Switching
logo
Guangdong Kexin Industr...
1SS392 KEXIN-1SS392 Datasheet
35Kb / 1P
   LOW VOLTAGE HIGH SPEED SWITCHING
logo
Toshiba Semiconductor
1SS294T5LFT TOSHIBA-1SS294T5LFT Datasheet
191Kb / 3P
   Low Voltage High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com