Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5250BEAP-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5250BEAP-T
Description  Low-Power, Quad, 10-Bit Voltage-Output DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5250BEAP-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5250BEAP-T Datasheet HTML 1Page - Maxim Integrated Products MAX5250BEAP-T Datasheet HTML 2Page - Maxim Integrated Products MAX5250BEAP-T Datasheet HTML 3Page - Maxim Integrated Products MAX5250BEAP-T Datasheet HTML 4Page - Maxim Integrated Products MAX5250BEAP-T Datasheet HTML 5Page - Maxim Integrated Products MAX5250BEAP-T Datasheet HTML 6Page - Maxim Integrated Products MAX5250BEAP-T Datasheet HTML 7Page - Maxim Integrated Products MAX5250BEAP-T Datasheet HTML 8Page - Maxim Integrated Products MAX5250BEAP-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Low-Power, Quad, 10-Bit Voltage-Output DAC
with Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V ±10%, AGND = DGND = 0V, REFAB = REFCD = 2.5V, RL = 5k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C. Output buffer connected in unity-gain configuration (Figure 9).)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND............................................................-0.3V to +6V
VDD to DGND ...........................................................-0.3V to +6V
AGND to DGND ..................................................................±0.3V
REFAB, REFCD to AGND ...........................-0.3V to (VDD + 0.3V)
OUT_, FB_ to AGND...................................-0.3V to (VDD + 0.3V)
Digital Inputs to DGND.............................................-0.3V to +6V
DOUT, UPO to DGND ................................-0.3V to (VDD + 0.3V)
Continuous Current into Any Pin.......................................±20mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 8.00mW/°C above +70°C) .................640mW
SSOP (derate 8.00mW/°C above +70°C) ......................640mW
CERDIP (derate 11.11mW/°C above +70°C) .................889mW
Operating Temperature Ranges
MAX5250_C_P ......................................................0°C to +70°C
MAX5250_E_P ...................................................-40°C to +85°C
MAX5250BMJP ................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Offset-Error Tempco
6
ppm/°C
Offset Error
VOS
±6.0
mV
Differential Nonlinearity
DNL
±1.0
LSB
Integral Nonlinearity
(Note 1)
INL
±1.0
LSB
Gain Error
GE
±1.0
LSB
Gain-Error Tempco
1
ppm/°C
Power-Supply Rejection Ratio
PSRR
100
800
µV/V
Resolution
N
10
Bits
±0.25
±0.5
Reference Input Range
VREF
0VDD - 1.4
V
Reference Input Resistance
RREF
8
k
Reference -3dB Bandwidth
650
kHz
Signal-to-Noise Plus
Distortion Ratio
SINAD
72
dB
VREF = 0.67VP-P
VREF = 1VP-P at 25kHz, code = full scale
Reference Feedthrough
-84
dB
Input code = all 0s, VREF = 3.6VP-P at 1kHz
CONDITIONS
Code dependent, minimum at code 554 hex
Guaranteed monotonic
MAX5250B
(Note 1)
4.5V
≤ VDD ≤ 5.5V
MAX5250A
STATIC PERFORMANCE—ANALOG SECTION
REFERENCE INPUT
MULTIPLYING-MODE PERFORMANCE


Similar Part No. - MAX5250BEAP-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5250BEAP MAXIM-MAX5250BEAP Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
More results

Similar Description - MAX5250BEAP-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5841 MAXIM-MAX5841 Datasheet
408Kb / 15P
   Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5741 MAXIM-MAX5741 Datasheet
635Kb / 15P
   10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
Wolfson Microelectronic...
WM2604 WOLFSON-WM2604 Datasheet
103Kb / 10P
   Quad 10-Bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX503 MAXIM-MAX503 Datasheet
118Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
Rev 0; 8/94
MAX5842 MAXIM-MAX5842 Datasheet
462Kb / 15P
   Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
   3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com