Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX813LEPA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX813LEPA
Description  Low-Cost, Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX813LEPA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX813LEPA Datasheet HTML 4Page - Maxim Integrated Products MAX813LEPA Datasheet HTML 5Page - Maxim Integrated Products MAX813LEPA Datasheet HTML 6Page - Maxim Integrated Products MAX813LEPA Datasheet HTML 7Page - Maxim Integrated Products MAX813LEPA Datasheet HTML 8Page - Maxim Integrated Products MAX813LEPA Datasheet HTML 9Page - Maxim Integrated Products MAX813LEPA Datasheet HTML 10Page - Maxim Integrated Products MAX813LEPA Datasheet HTML 11Page - Maxim Integrated Products MAX813LEPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MAX705–MAX708/MAX813L
Low-Cost, µP Supervisory Circuits
8
Maxim Integrated
Interfacing to µPs with
Bidirectional Reset Pins
µPs with bidirectional reset pins, such as the Motorola
68HC11 series, can contend with the MAX705-MAX708
RESET output. If, for example, the RESET output is driven
high and the µP wants to pull it low, indeterminate logic
levels may result. To correct this, connect a 4.7k
resistor between the RESET output and the µP reset I/O,
as in Figure 8. Buffer the RESET output to other system
components.
MAX70_
RESET
R2
R1
+5V
V-
VCC
PFI
GND
MR
PFO
TO
µP
100k
100k
2N3904
MR
PFO
+5V
0V
+5V
0V
VTRIP
0V
V-
Figure 7. Monitoring a Negative Voltage
MAX70_
BUFFERED RESET TO OTHER SYSTEM COMPONENTS
4.7k
VCC
GND
RESET
VCC
GND
RESET
µP
Figure 8. Interfacing to µPs with Bidirectional Reset I/O
5
1.25
R1
1.25
VTRIP
R2
,VTRIP
0
=
<
MAX70_
RESET
R1
Figure 5. RESET Valid to Ground Circuit
MAX70_
RESET
130k
1%
PARAMETER
MIN
TYP
MAX
UNIT
+12V Reset
Threshold at +25
°C
10.67
10.87
11.50
V
1M
1%
+5V
+12V
VCC
PFI
GND
MR
PFO
TO
µP
Figure 6. Monitoring Both +5V and +12V


Similar Part No. - MAX813LEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX813LEPA MAXIM-MAX813LEPA Datasheet
99Kb / 12P
   Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
MAX813LEPA MAXIM-MAX813LEPA Datasheet
169Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
logo
ARTSCHIP ELECTRONICS CO...
MAX813LEPA ARTSCHIP-MAX813LEPA Datasheet
313Kb / 10P
   Low-Cost, pervisory Circuit
More results

Similar Description - MAX813LEPA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706ARZ-REEL7 AD-ADM706ARZ-REEL7 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705ARZ AD-ADM705ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
logo
Maxim Integrated Produc...
MAX708ESA MAXIM-MAX708ESA Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
logo
Analog Devices
ADM705 AD-ADM705_V01 Datasheet
410Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. H
ADM705 AD-ADM705 Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705 Datasheet
99Kb / 12P
   Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
logo
Analog Devices
ADM706AR-REEL AD-ADM706AR-REEL Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706 AD-ADM706_15 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com