Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5250ACPP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5250ACPP
Description  Low-Power, Quad, 10-Bit Voltage-Output DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5250ACPP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5250ACPP Datasheet HTML 4Page - Maxim Integrated Products MAX5250ACPP Datasheet HTML 5Page - Maxim Integrated Products MAX5250ACPP Datasheet HTML 6Page - Maxim Integrated Products MAX5250ACPP Datasheet HTML 7Page - Maxim Integrated Products MAX5250ACPP Datasheet HTML 8Page - Maxim Integrated Products MAX5250ACPP Datasheet HTML 9Page - Maxim Integrated Products MAX5250ACPP Datasheet HTML 10Page - Maxim Integrated Products MAX5250ACPP Datasheet HTML 11Page - Maxim Integrated Products MAX5250ACPP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Low-Power, Quad, 10-Bit Voltage-Output DAC
with Serial Interface
8
_______________________________________________________________________________________
_______________Detailed Description
The MAX5250 contains four 10-bit, voltage-output digi-
tal-to-analog converters (DACs) that are easily
addressed using a simple 3-wire serial interface. It
includes a 16-bit data-in/data-out shift register, and
each DAC has a doubled-buffered input composed of
an input register and a DAC register (see Functional
Diagram). In addition to the four voltage outputs, each
amplifier’s negative input is available to the user.
The DACs are inverted R-2R ladder networks that con-
vert a digital input (10 data bits plus 2 sub-bits) into
equivalent analog output voltages in proportion to the
applied reference voltage inputs. DACs A and B share
the REFAB reference input, while DACs C and D share
the REFCD reference input. The two reference inputs
allow different full-scale output voltage ranges for each
pair of DACs. Figure 1 shows a simplified circuit dia-
gram of one of the four DACs.
Reference Inputs
The two reference inputs accept positive DC and AC
signals. The voltage at each reference input sets the
full-scale output voltage for its two corresponding
DACs. The reference input voltage range is 0V to
(VDD - 1.4V). The output voltages (VOUT_) are repre-
sented by a digitally programmable voltage source as:
VOUT_ = (VREF x NB / 1024) x Gain
where NB is the numeric value of the DAC’s binary
input code (0 to 1023), VREF is the reference voltage,
and Gain is the externally set voltage gain.
The impedance at each reference input is code depen-
dent, ranging from a low value of 10k
Ω when both
DACs connected to the reference have an input code
of 554 hex, to a high value exceeding several giga
ohms (leakage currents) with an input code of 000 hex.
Because the input impedance at the reference pins is
code dependent, load regulation of the reference
source is important.
The REFAB and REFCD reference inputs have a 10k
guaranteed minimum input impedance. When the two
reference inputs are driven from the same source, the
effective minimum impedance is 5k
Ω. A voltage refer-
ence with a load regulation of 6ppm/mA, such as the
MAX873, would typically deviate by 0.006LSB (0.015LSB
worst case) when driving both MAX5250 reference
inputs simultaneously at 2.5V. Driving the REFAB and
REFCD pins separately improves reference accuracy.
In shutdown mode, the MAX5250’s REFAB and REFCD
inputs enter a high-impedance state with a typical input
leakage current of 0.01µA.
The reference input capacitance is also code depen-
dent and typically ranges from 20pF with an input code
of all 0s to 100pF at full scale.
Output Amplifiers
All MAX5250 DAC outputs are internally buffered by pre-
cision amplifiers with a typical slew rate of 0.6V/µs.
Access to each output amplifier’s inverting input provides
the user greater flexibility in output gain setting/
signal conditioning (see the Applications Information
section).
With a full-scale transition at the MAX5250 output, the
typical settling time to ±1/2LSB is 10µs when loaded
with 5k
Ω in parallel with 100pF (loads less than 2kΩ
degrade performance).
The MAX5250 output amplifier’s output dynamic
responses and settling performances are shown in the
Typical Operating Characteristics.
Power-Down Mode
The MAX5250 features a software-programmable shut-
down that reduces supply current to a typical value of
10µA. The power-down lockout pin (PDL) must be high to
enable shutdown mode. Writing 1100XXXXXXXXXXXX as
the input-control word puts the MAX5250 in power-down
mode (Table 1).
OUT_
FB_
SHOWN FOR ALL 1s ON DAC
S0
S1
D0
D9
2R
2R
2R
2R
2R
RR
R
REF_
AGND
Figure 1. Simplified DAC Circuit Diagram


Similar Part No. - MAX5250ACPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5250ACPP MAXIM-MAX5250ACPP Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
More results

Similar Description - MAX5250ACPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5841 MAXIM-MAX5841 Datasheet
408Kb / 15P
   Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5741 MAXIM-MAX5741 Datasheet
635Kb / 15P
   10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
Wolfson Microelectronic...
WM2604 WOLFSON-WM2604 Datasheet
103Kb / 10P
   Quad 10-Bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX503 MAXIM-MAX503 Datasheet
118Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
Rev 0; 8/94
MAX5842 MAXIM-MAX5842 Datasheet
462Kb / 15P
   Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
   3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com