Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX988EUK-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX988EUK-T
Description  High-Speed, Micropower, Low-Voltage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX988EUK-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX988EUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX988EUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX988EUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX988EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX988EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX988EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX988EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX988EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX988EUK-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
_______________________________________________________________________________________
5
100
110
130
150
170
190
120
140
160
180
200
-60
-20
-40
0
20
40
60
80
100
PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5.5.V
VCC = 2.5.V
VOD = 50mV
1000
10,000
100
0.01
0.1
10
1
100
1000
PROPAGATION DELAY
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (nF)
VOD = 50mV
300
0
0
60
120
20
80
40
100
140
PROPAGATION DELAY
vs. INPUT OVERDRIVE
100
50
250
200
150
INPUT OVERDRIVE (mV)
VCC = 2.5V
VCC = 5.5V
PROPAGATION DELAY (tPD-)
IN+
OUT
MAX987-12
100ns/div
50mV/div
2V/div
VOD = 50mV
MAX987/MAX991/MAX995
PROPAGATION DELAY (tPD+)
IN+
OUT
MAX987-11
100ns/div
50mV/div
2V/div
VOD = 50mV
MAX987/MAX991/MAX995
SWITCHING CURRENT, OUT RISING
IN+
OUT
ICC
MAX987-13
200ns/div
50mV/div
2V/div
2mA/div
VOD = 50mV
Typical Operating Characteristics (continued)
(VCC = +5V, VCM = 0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX988EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX988EUK-T MAXIM-MAX988EUK-T Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX988EUK-T MAXIM-MAX988EUK-T Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
More results

Similar Description - MAX988EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX987EUK MAXIM-MAX987EUK Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX480 MAXIM-MAX480 Datasheet
106Kb / 6P
   High-Precision, Low-Voltage, Micropower Op Amp
Rev 3a; 1/98
MAX480 MAXIM-MAX480_V01 Datasheet
232Kb / 7P
   High-Precision, Low-Voltage, Micropower Op Amp
2007
logo
Toshiba Semiconductor
1SS357 TOSHIBA-1SS357_07 Datasheet
282Kb / 3P
   Low Voltage High Speed Switching
1SS384 TOSHIBA-1SS384_07 Datasheet
200Kb / 3P
   Low Voltage High Speed Switching
1SS319 TOSHIBA-1SS319_07 Datasheet
186Kb / 3P
   Low Voltage High Speed Switching
logo
Guangdong Kexin Industr...
1SS392 KEXIN-1SS392 Datasheet
35Kb / 1P
   LOW VOLTAGE HIGH SPEED SWITCHING
logo
Toshiba Semiconductor
1SS294T5LFT TOSHIBA-1SS294T5LFT Datasheet
191Kb / 3P
   Low Voltage High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com