Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD6836TD18P Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LD6836TD18P
Description  Ultra low dropout regulators, low noise, 300 mA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LD6836TD18P Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LD6836TD18P Datasheet HTML 6Page - NXP Semiconductors LD6836TD18P Datasheet HTML 7Page - NXP Semiconductors LD6836TD18P Datasheet HTML 8Page - NXP Semiconductors LD6836TD18P Datasheet HTML 9Page - NXP Semiconductors LD6836TD18P Datasheet HTML 10Page - NXP Semiconductors LD6836TD18P Datasheet HTML 11Page - NXP Semiconductors LD6836TD18P Datasheet HTML 12Page - NXP Semiconductors LD6836TD18P Datasheet HTML 13Page - NXP Semiconductors LD6836TD18P Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LD6836_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 5 October 2012
10 of 28
NXP Semiconductors
LD6836 series
Ultra low dropout regulators, low noise, 300 mA
9.2 Dropout
The dropout voltage is defined as the smallest input to output voltage difference at a
specified load current when the regulator operates within its linear region. This means that
the input voltage is below the nominal output voltage value and the pass transistor works
as a plain resistor.
A small dropout voltage guarantees lower power consumption and efficiency
maximization.
9.3 Accuracy
The LD6836 series guarantees high accuracy of the nominal output voltage.
Fig 8.
Dropout voltage as a function of output
current for LD6836CX4/25x
Fig 9.
Dropout voltage as a function of output
current for LD6836TD/36x
DDD












,287 P$
9GR
GR
9GR
P9
P9
P9
7DPE ƒ&
DPE ƒ&
7DPE ƒ&
7DPE ƒ&
DPE ƒ&
7DPE ƒ&
7DPE ƒ&
DPE
ƒ&
7DPE ƒ&
DDD












,287 P$
9GR
GR
9GR
P9
P9
P9
7DPE ƒ&
DPE ƒ&
7DPE ƒ&
7DPE ƒ&
DPE ƒ&
7DPE ƒ&
7DPE ƒ&
DPE ƒ&
7DPE ƒ&
Fig 10. Working voltage tolerance for LD6836CX4/25x
DDD
9,1 9








9287
9

,287 P$
,287 P$
,287 P$
,287 P$
,287 P$


Similar Part No. - LD6836TD18P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LD6836TD NXP-LD6836TD Datasheet
13Mb / 24P
   DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
More results

Similar Description - LD6836TD18P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
logo
Texas Instruments
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
Rohm
BHXXFB_LB_MA-E ROHM-BHXXFB_LB_MA-E Datasheet
702Kb / 9P
   low dropout CMOS regulators with 150 mA and 300 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com