Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZPY33 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ZPY33
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZPY33 Datasheet(HTML) 4 Page - Vishay Siliconix

  ZPY33 Datasheet HTML 1Page - Vishay Siliconix ZPY33 Datasheet HTML 2Page - Vishay Siliconix ZPY33 Datasheet HTML 3Page - Vishay Siliconix ZPY33 Datasheet HTML 4Page - Vishay Siliconix ZPY33 Datasheet HTML 5Page - Vishay Siliconix ZPY33 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZPY3V9 to ZPY100
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 11-Jul-12
4
Document Number: 85790
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Breakdown Characteristics
Fig. 8 - Breakdown Characteristics
Fig. 9 - Breakdown Characteristics
PACKAGE DIMENSIONS in millimeters (inches): DO-41
0
1234567
8
9
1011 121314 15 V
0
40
80
120
160
200
240
mA
I
Z
V
Z
gzpy1_01
ZPY...
T
j = 25 °C
Test Current l
Z
100 mA
50 mA
ZPY4.7
ZPY3.9
ZPY5.6
ZPY6.8
ZPY8.2
ZPY10
ZPY12
0
5
10
15
202530
35
40
45 50 V
10
20
30
40
50
60
mA
I
Z
V
Z
gzpy1_02
T
j = 25 °C
ZPY...
Test Current l
Z
25 mA
10 mA
ZPY22
ZPY18
ZPY27
ZPY33
ZPY15
ZPY39
ZPY47
0
0100
200 V
0
10
20
mA
I
Z
V
Z
gzpy1_03
50
150
Test Current l
Z
10 mA
5 mA
Tj = 25 °C
ZPY56
ZPY68
ZPY82
ZPY100
94 9368
Cathode identification
26 (1.024) min.
4.1 (0.161) max.
26 (1.024) min.


Similar Part No. - ZPY33

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZPY33 DIODES-ZPY33 Datasheet
62Kb / 3P
   SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
New Jersey Semi-Conduct...
ZPY33 NJSEMI-ZPY33 Datasheet
109Kb / 2P
   ZENER DIODES
logo
General Semiconductor
ZPY33 GE-ZPY33 Datasheet
217Kb / 5P
   ZENER DIODES
logo
Diotec Semiconductor
ZPY33 DIOTEC-ZPY33 Datasheet
153Kb / 3P
   Silicon-Power-Zener Diodes
logo
Vishay Siliconix
ZPY33 VISHAY-ZPY33 Datasheet
186Kb / 5P
   Zener Diodes
02-May-02
More results

Similar Description - ZPY33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com