Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF15-226ETZ Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HF15-226ETZ
Description  The Versatile Fiber Optic Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HF15-226ETZ Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HF15-226ETZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HF15-226ETZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HF15-226ETZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HF15-226ETZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HF15-226ETZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HF15-226ETZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HF15-226ETZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HF15-226ETZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HF15-226ETZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
VALOXis a registered trademark of the General Electric Corporation.
Application Literature
Application Note 1035 (Versatile Link)
Package and Handling Information
The compact Versatile Link package is made of a flame
retardant VALOX® UL 94 V-0 material (UL file # E121562)
and uses the same pad layout as a standard, eight pin
dual-in-line package. Vertical and horizontal mountable
parts are available. These low profile Versatile Link pack-
ages are stackable and are enclosed to provide a dust
resistant seal. Snap action simplex, simplex latching,
duplex, and duplex latching connectors are offered with
simplex or duplex cables.
Package Orientation
Performance and pinouts for the vertical and hori-
zontal packages are identical. To provide additional
attachment support for the vertical Versatile Link
housing, the designer has the option of using a self-
tapping screw through a printed circuit board into a
mounting hole at the bottom of the package. For most
applications this is not necessary.
Package Housing Color
Versatile Link components and simplex connectors are
color coded to eliminate confusion when making connec-
tions. Receivers are blue and transmitters are gray.
Handling
Versatile Link components are auto-insertable. When
wave soldering is performed with Versatile Link compo-
nents, the optical port plug should be left in to prevent
contamination of the port. Do not use reflow solder
processes (i.e., infrared reflow or vapor-phase reflow).
Nonhalogenated water soluble fluxes (i.e., 0% chloride),
not rosin based fluxes, are recommended for use with
Versatile Link components.
Versatile Link components are moisture sensitive
devices and are shipped in a moisture sealed bag. If the
components are exposed to air for an extended period of
time, they may require a baking step before the solder-
ing process. Refer to the special labeling on the shipping
tube for details.
Recommended Chemicals for Cleaning/Degreasing
Alcohols: methyl, isopropyl, isobutyl. Aliphatics: hexane,
heptane. Other: soap solution, naphtha.
Do not use partially halogenated hydrocarbons such
as 1,1.1 trichloroethane, ketones such as MEK, acetone,
chloroform, ethyl acetate, methylene dichloride, phenol,
methylene chloride, or N-methylpyrolldone. Also, Avago
does not recommend the use of cleaners that use
halogenated hydrocarbons because of their potential
environmental harm.


Similar Part No. - HF15-226ETZ

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HF15-28F ASI-HF15-28F Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - HF15-226ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com