Electronic Components Datasheet Search |
|
MAX6717UKSVD3-T Datasheet(PDF) 3 Page - Maxim Integrated Products |
|
MAX6717UKSVD3-T Datasheet(HTML) 3 Page - Maxim Integrated Products |
3 / 19 page Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits _______________________________________________________________________________________ 3 ELECTRICAL CHARACTERISTICS (continued) (VCC1 = VCC2 = 0.8V to 5.5V, GND = 0, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS VCC to Reset Output Delay tRD VCC1 = (VTH1+ 100mV) to (VTH1 - 100mV) or VCC2 = (VTH2 + 75mV) to (VTH2 - 75mV) 20 µs D1 1.1 1.65 2.2 D2 8.8 13.2 17.6 D3 140 210 280 D5 280 420 560 D6 560 840 1120 Reset Timeout Period tRP D4 1120 1680 2240 ms ADJUSTABLE RESET COMPARATOR INPUT (MAX6719/MAX6720/MAX6723–MAX6727) RSTIN Input Threshold VRSTIN 611 626.5 642 mV RSTIN Input Current IRSTIN -25 +25 nA RSTIN Hysteresis 3mV RSTIN to Reset Output Delay tRSTIND VRSTIN to (VRSTIN - 30mV) 22 µs POWER-FAIL INPUT (MAX6728/MAX6729) PFI Input Threshold VPFI 611 626.5 642 mV PFI Input Current IPFI -25 +25 nA PFI Hysteresis VPFH 3mV PFI to PFO Delay tDPF (VPFI + 30mV) to (VPFI - 30mV) 2 µs MANUAL RESET INPUT (MAX6715–MAX6722/MAX6725–MAX6729) VIL 0.3 ✕ VCC1 MR Input Voltage VIH 0.7 ✕ VCC1 V MR Minimum Pulse Width 1µs MR Glitch Rejection 100 ns MR to Reset Delay tMR 200 ns MR Pullup Resistance 25 50 80 k Ω WATCHDOG INPUT (MAX6721–MAX6729) First watchdog period after reset timeout period 35 54 72 Watchdog Timeout Period tWD Normal mode 1.12 1.68 2.24 s WDI Pulse Width tWDI (Note 2) 50 ns VIL 0.3 ✕ VCC1 WDI Input Voltage VIH 0.7 ✕ VCC1 V WDI Input Current IWDI WDI = 0 or VCC1-1 +1 µA |
Similar Part No. - MAX6717UKSVD3-T |
|
Similar Description - MAX6717UKSVD3-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |