Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-2402Z Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2402Z
Description  Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2402Z Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-2402Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-2402Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-2402Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-2402Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-2402Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-2402Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-2402Z Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-2402Z Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-2402Z Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
Mechanical Dimensions - SC Port
HFBR-x4ExZ
Dimensions in mm (inches)
M8 x 0.75 6G
THREAD (METRIC)
2.54
(0.10)
3.81
(0.15)
7.9
(0.31)
12.7
(0.50)
12.7
(0.50)
5.1
(0.20)
10.2
(0.40)
3.6
(0.14)
PIN NO. 1
INDICATOR
19.6
(0.77)
2.54
(0.10)
PINS 1,4,5,8 0.51 X 0.38
(0.020 X 0.015)
PINS 2,3,6,7 0.46
(0.018)
Mechanical Dimensions - FC Port
HFBR-x42xZ
Dimensions in mm (inches)
28.65
(1.128)
15.95
(0.628)
10.0
(0.394)
12.7
(0.50)
12.7
(0.50)
2.54
(0.10)
3.81
(0.15)
6.35
(0.25)
5.1
(0.20)
10.38
(0.409)
3.60
(0.14)
1.27
(0.05)
2.54
(0.10)
PINS 1,4,5,8
0.51 × 0.38
(0.020 × 0.015)
PINS 2,3,6,7
∅ 0.46
(0.018)
PIN NO. 1
INDICATOR


Similar Part No. - HFBR-2402Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2402Z AVAGO-HFBR-2402Z Datasheet
315Kb / 25P
   RoHS Compliant
logo
Broadcom Corporation.
HFBR-2402Z BOARDCOM-HFBR-2402Z Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
More results

Similar Description - HFBR-2402Z

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
logo
Agilent(Hewlett-Packard...
HFBR-0400 HP-HFBR-0400 Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-2409Z AVAGO-AFBR-2409Z Datasheet
246Kb / 6P
   50 MBd Miniature Link Fiber Optic Receiver
AFBR-24X8XZ AVAGO-AFBR-24X8XZ Datasheet
239Kb / 6P
   DC-50MBd Miniature Link Fiber Optic Receiver
AFBR-24X9XZ AVAGO-AFBR-24X9XZ Datasheet
246Kb / 6P
   50 MBd Miniature Link Fiber Optic Receiver
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com