Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX810-EXR-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX810-EXR-T
Description  3-Pin Microprocessor Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX810-EXR-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX810-EXR-T Datasheet HTML 1Page - Maxim Integrated Products MAX810-EXR-T Datasheet HTML 2Page - Maxim Integrated Products MAX810-EXR-T Datasheet HTML 3Page - Maxim Integrated Products MAX810-EXR-T Datasheet HTML 4Page - Maxim Integrated Products MAX810-EXR-T Datasheet HTML 5Page - Maxim Integrated Products MAX810-EXR-T Datasheet HTML 6Page - Maxim Integrated Products MAX810-EXR-T Datasheet HTML 7Page - Maxim Integrated Products MAX810-EXR-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3-Pin Microprocessor Reset Circuits
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = full range, TA = -40°C to +105°C (SOT23) or TA = -40°C to +125°C (SC70), unless otherwise noted. Typical values are at TA =
+25°C, VCC = 5V for L/M/J versions, VCC = 3.3V for T/S versions, VCC = 3V for R version, and VCC = 2.5V for Z version.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
4.56
4.63
4.70
TA = -40°C to +85°C
4.50
4.75
MAX8_ _L
TA = -40°C to +125°C
4.44
4.82
TA = +25°C
4.31
4.38
4.45
TA = -40°C to +85°C
4.25
4.50
MAX8_ _M
TA = -40°C to +125°C
4.20
4.56
TA = +25°C
3.04
3.08
3.11
TA = -40°C to +85°C
3.00
3.15
MAX8_ _T
TA = -40°C to +125°C
2.95
3.21
TA = +25°C
2.89
2.93
2.96
TA = -40°C to +85°C
2.85
3.00
MAX8_ _S
TA = -40°C to +125°C
2.81
3.05
TA = +25°C
2.59
2.63
2.66
TA = -40°C to +85°C
2.55
2.70
MAX8_ _R
TA = -40°C to +125°C
2.52
2.74
TA = +25°C
2.28
2.32
2.35
TA = -40°C to +85°C
2.25
2.38
Reset Threshold
(SC70 only)
VTH
MAX8_ _Z
(SC70 only)
TA = -40°C to +125°C
2.22
2.42
V
Reset Threshold Tempco
30
ppm/°C
VCC to Reset Delay (Note 2)
VCC = VTH to (VTH - 100 mV)
20
µs
TA = -40°C to +85°C
140
240
560
Reset Active Timeout Period
(SOT23)
TA = +85°C to +105°C
100
840
ms
TA = -40°C to +85°C
140
240
460
Reset Active Timeout Period
(SC70)
TA = +85°C to +125°C
100
840
ms
VCC = VTH min, ISINK = 1.2mA,
MAX803R/S/T/Z, MAX809R/S/T/Z
0.3
VCC = VTH min, ISINK = 3.2mA,
MAX803L/M, MAX809J/L/M
0.4
RESET Output Voltage Low (push-
pull active low and open-drain
active low, MAX803 and MAX809)
VOL
VCC > 1.0V, ISINK = 50µA
0.3
V
VCC > VTH max, ISOURCE = 500µA,
MAX803R/S/T/Z, MAX809R/S/T/Z
0.8VCC
RESET Output Voltage High
(push-pull active low MAX809)
VOH
VCC > VTH max, ISOURCE = 800µA,
MAX803L/M, MAX809J/L/M
VCC - 1.5
V
VCC = VTH max, ISINK = 1.2mA,
MAX810R/S/T/Z
0.3
RESET Output Voltage Low (push-
pull active high, MAX810)
VOL
VCC = VTH max, ISINK = 3.2mA,
MAX810L/M
0.4
V


Similar Part No. - MAX810-EXR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX810-EXR-T MAXIM-MAX810-EXR-T Datasheet
167Kb / 8P
   MAX803/MAX809/MAX810 3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
More results

Similar Description - MAX810-EXR-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com