Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF25-327ETZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HF25-327ETZ
Description  The Versatile Fiber Optic Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HF25-327ETZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HF25-327ETZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HF25-327ETZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HF25-327ETZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HF25-327ETZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HF25-327ETZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HF25-327ETZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HF25-327ETZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HF25-327ETZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HF25-327ETZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Figure 2. Typical 5 MBd interface circuit
5 MBd Link (HFBR-15X1ETZ/25X1ETZ)
System Performance -40° to 85° C unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Ref.
High
Data Rate
dc
5
MBd
BER ≤10-9, PRBS:27-1
Link Distance
d
17
m
IFdc = 60 mA
Note 3
(Standard Cable)
33
m
IFdc = 60 mA, 25° C
Link Distance
d
20
m
IFdc = 60 mA
Note 3
(Improved Cable)
38
m
IFdc = 60 mA, 25° C
Propagation
tPLH
90
140
ns
RL = 560
, CL = 30 pF
Fig. 3, 6
Delay
tPHL
50
140
ns
fiber length = 0.5 m
Notes 1, 2
-21.6 ≤PR ≤-9.5 dBm
Pulse Width
tD
40
ns
PR = -15 dBm
Fig. 3, 5
Distortion tPLH-tPHL
RL = 560
, CL = 30 pF
Notes:
1. The propagation delay for one metre of cable is typically 5 ns.
2. Typical propagation delay is measured at PR = -15 dBm.
3. Estimated typical link life expectancy at 40° C exceeds 10 years at 60 mA.
Performance
5 MBd
Figure 3. 5 MBd propagation delay test circuit


Similar Part No. - HF25-327ETZ

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HF250-50 ASI-HF250-50 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF250-50 ASI-HF250-50 Datasheet
346Kb / 2P
   NPN SILICON RF POWER TRANSISTOR
HF250-50 ASI-HF250-50_07 Datasheet
346Kb / 2P
   NPN SILICON RF POWER TRANSISTOR
logo
Hongfa Technology
HF25F HONGFA-HF25F Datasheet
90Kb / 4P
   SUBMINIATURE HIGH POWER RELAY
HF25F HONGFA-HF25F Datasheet
83Kb / 4P
   SUBMINIATURE HIGH POWER RELAY
More results

Similar Description - HF25-327ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com