Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6711M Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6711M
Description  4-Pin SC70 Microprocessor Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6711M Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6711M Datasheet HTML 1Page - Maxim Integrated Products MAX6711M Datasheet HTML 2Page - Maxim Integrated Products MAX6711M Datasheet HTML 3Page - Maxim Integrated Products MAX6711M Datasheet HTML 4Page - Maxim Integrated Products MAX6711M Datasheet HTML 5Page - Maxim Integrated Products MAX6711M Datasheet HTML 6Page - Maxim Integrated Products MAX6711M Datasheet HTML 7Page - Maxim Integrated Products MAX6711M Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
maximum allowable pulse width decreases. Typically, for
the MAX671_L and MAX671_M, a VCC transient that
goes 100mV below the reset threshold and lasts 20µs or
less will not cause a reset pulse. A 0.1µF bypass capaci-
tor mounted as close as possible to the VCC pin provides
additional transient immunity.
Ensuring a Valid Reset Output
Down to VCC = 0
When VCC falls below 1V, the MAX6711 RESET output
no longer sinks current—it becomes an open circuit.
Therefore, high-impedance CMOS-logic inputs con-
nected to RESET can drift to undetermined voltages.
This presents no problem in most applications since
most µP and other circuitry is inoperative with VCC
below 1V. However, in applications where RESET must
be valid down to 0, adding a pull-down resistor to
RESET causes any stray leakage currents to flow to
ground, holding RESET low (Figure 2). R1’s value is not
critical; 100k
Ω is large enough not to load RESET and
small enough to pull RESET to ground.
A 100k
Ω pull-up resistor to VCC is also recommended
for the MAX6712 if RESET is required to remain valid for
VCC < 1V.
Interfacing to µPs with
Bidirectional Reset Pins
Since the RESET output on the MAX6713 is open-drain,
this device interfaces easily with µPs that have bidirec-
tional reset pins, such as the Motorola 68HC11.
Connecting the µP supervisor’s RESET output directly
to the µP’s RESET pin with a single pull-up resistor
allows either device to assert reset (Figure 3).
MAX6713 Open-Drain
RESET Output
Allows Use with Multiple Supplies
Generally, the pull-up connected to the MAX6713 will
connect to the supply voltage that is being monitored at
the IC’s VCC pin. However, some systems may use the
open-drain output to level-shift from the monitored sup-
ply to reset circuitry powered by some other supply
(Figure 4). Note that as the MAX6713’s VCC decreases
below 1V, so does the IC’s ability to sink current at
RESET. Also, with any pullup, RESET will be pulled high
as VCC decays toward 0. The voltage where this occurs
depends on the pull-up resistor value and the voltage
to which it is connected.
Benefits of Highly Accurate
Reset Threshold
Most µP supervisor ICs have reset threshold voltages
between 5% and 10% below the value of nominal sup-
ply voltages. This ensures a reset will not occur within
5% of the nominal supply, but will occur when the sup-
ply is 10% below nominal.
When using ICs rated at only the nominal supply ±5%,
a zone of uncertainty where the supply is between 5%
and 10% low, and where the reset may or may not be
asserted is left.
The MAX671_L/T/Z use highly accurate circuitry to
ensure that reset is asserted close to the 5% limit, and
long before the supply has declined to 10% below
nominal.
4-Pin SC70 Microprocessor Reset Circuits
with Manual Reset Input
6
_______________________________________________________________________________________
RESET
GND
RESET
INPUT
RPULLUP
MAX6713
5V SYSTEM
GND
VCC
+3.3V
+5.0V
VCC
Figure 4. MAX6713 Open-Drain RESET Output Allows Use with
Multiple Supplies
RESET
GND
MR
RESET
INPUT
MAX6713
MOTOROLA
68HCXX
µP
GND
VCC
VCC
VCC
Figure 3. Interfacing to µPs with Bidirectional Reset I/O
TRANSISTOR COUNT: 380
___________________Chip Information


Similar Part No. - MAX6711M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6711M MAXIM-MAX6711M Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
More results

Similar Description - MAX6711M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809 Datasheet
174Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com