Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTS-4802BJR-H1E Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTS-4802BJR-H1E
Description  The LTS-4802BJR-H1 is a 0.39 inch 10.0mm height digit display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-4802BJR-H1E Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTS-4802BJR-H1E Datasheet HTML 1Page - Lite-On Technology Corporation LTS-4802BJR-H1E Datasheet HTML 2Page - Lite-On Technology Corporation LTS-4802BJR-H1E Datasheet HTML 3Page - Lite-On Technology Corporation LTS-4802BJR-H1E Datasheet HTML 4Page - Lite-On Technology Corporation LTS-4802BJR-H1E Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
  
  

  
 !"#



?.=/00/715/2.= .4!.25
E
!&
.1F$=?1=6;==.25.= .4!.25
;59938.>!0;80.&/65-"

!
25/2;;0$=?1=6;==.25.= .4!.25
.=15/24/2.1=$=!.= .4!.25


!
!
.:.=0.*8514..= .4!.25

*
7.=15/24.!7.=15;=.124.
5G
5=14..!7.=15;=.124.
5G
86.=.!7.=15;=.D/23-.8? .15/24812.= .326015D
$%!"#

      
:.=14.;!/2;025.20/59

 D
µ36
H!
.1F!/00/2&1:.8.245-
λ7
D
2!
H!
7.35=18/2.18 &/65-
∆λ

2!
H!
!/2125&1:.8.245-
λ6
D
2!
H!
$=?1=6*8514..= .4!.25
*

D
*
H!
.:.=0.;==.25.= .4!.25


µ*H*
;!/2;025.20/59%153-/2415/
 !

H!
5. ;!/2;0 /25.20/59 /0 !.10;=.6 ?/5- 1 8/4-5 0.20= 126 /85.= 3!@/215/2 5-15
177=B/!15.05-. !!/0/225.=215/218..A381/=14.".9. =.0720.3;=:.


Similar Part No. - LTS-4802BJR-H1E

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-4802BJR-H1 LITEON-LTS-4802BJR-H1 Datasheet
146Kb / 5P
   Property of Lite-On Only
More results

Similar Description - LTS-4802BJR-H1E

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-4301B LITEON-LTS-4301B Datasheet
142Kb / 5P
   The LTS-4301B is a 0.4 inch 10.0mm digit height single digit seven-segent display
LSHD-F101 LITEON-LSHD-F101 Datasheet
124Kb / 5P
   0.39 inch (10.0mm) digit height single-digit display
logo
Fairchild Semiconductor
MSD4H13C FAIRCHILD-MSD4H13C Datasheet
343Kb / 6P
   10.0mm (0.39 inch) Two Digit NUMERIC STICK DISPLAY
logo
Lite-On Technology Corp...
LTC-4724JR LITEON-LTC-4724JR Datasheet
140Kb / 5P
   The LTC-4724JR is a 0.4 inch 10.0mm digit height triple digit seven-segment display
LTC-4627JR LITEON-LTC-4627JR Datasheet
143Kb / 5P
   The LTC-4627JR is a 0.4 inch 10.0mm digit height quadruple digit seven-segment display
LTS-4640AE LITEON-LTS-4640AE Datasheet
106Kb / 5P
   The LTS-4640AE is a 0.4-inch (10.16-mm) digit height single digit seven-segment display.
LTS-3403LP LITEON-LTS-3403LP Datasheet
130Kb / 5P
   The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3406LE LITEON-LTS-3406LE Datasheet
128Kb / 5P
   The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3401LP LITEON-LTS-3401LP Datasheet
129Kb / 5P
   The LTS-3401LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3403LE LITEON-LTS-3403LE Datasheet
116Kb / 5P
   The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com