Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIL-STD-883D Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # MIL-STD-883D
Description  Meet ROHS, Green Product Extra thin 0.30H mm Chip LED Extra bright A1InGaP Chip LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

MIL-STD-883D Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button MIL-STD-883D Datasheet HTML 3Page - Lite-On Technology Corporation MIL-STD-883D Datasheet HTML 4Page - Lite-On Technology Corporation MIL-STD-883D Datasheet HTML 5Page - Lite-On Technology Corporation MIL-STD-883D Datasheet HTML 6Page - Lite-On Technology Corporation MIL-STD-883D Datasheet HTML 7Page - Lite-On Technology Corporation MIL-STD-883D Datasheet HTML 8Page - Lite-On Technology Corporation MIL-STD-883D Datasheet HTML 9Page - Lite-On Technology Corporation MIL-STD-883D Datasheet HTML 10Page - Lite-On Technology Corporation MIL-STD-883D Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
9. Suggested Checking List
Training and Certification
1. Everyone working in a static-safe area is ESD-certified?
2. Training records kept and re-certification dates monitored?
Static-Safe Workstation & Work Areas
1. Static-safe workstation or work-areas have ESD signs?
2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V?
3. All ionizer activated, positioned towards the units?
4. Each work surface mats grounding is good?
Personnel Grounding
1. Every person (including visitors) handling ESD sensitive (ESDS) items wears wrist strap, heel
strap or conductive shoes with conductive flooring?
2. If conductive footwear used, conductive flooring also present where operator stand or walk?
3. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*?
4. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs?
5. All wrist strap or heel strap checkers calibration up to date?
Note: *50V for Blue LED.
Device Handling
1. Every ESDS items identified by EIA-471 labels on item or packaging?
2. All ESDS items completely inside properly closed static-shielding containers when not at
static-safe workstation?
3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items?
4. All flexible conductive and dissipative package materials inspected before reuse or recycles?
Others
1. Audit result reported to entity ESD control coordinator?
2. Corrective action from previous audits completed?
3. Are audit records complete and on file?
Part No. : LTST-C194KSKT
Page :
11
of
11
BNS-OD-C131/A4


Similar Part No. - MIL-STD-883D

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
MIL-STD-883D LITEON-MIL-STD-883D Datasheet
718Kb / 11P
   Meet ROHS, Green Product Ultra bright A1InGaP Chip LED
More results

Similar Description - MIL-STD-883D

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C170KFKT LITEON-LTST-C170KFKT Datasheet
718Kb / 11P
   Meet ROHS, Green Product Ultra bright A1InGaP Chip LED
LTST-C193KRKT-2A LITEON-LTST-C193KRKT-2A Datasheet
604Kb / 11P
   Extra thin (0.35H mm) Chip LED
LTST-C19HE1WT LITEON-LTST-C19HE1WT_14 Datasheet
254Kb / 11P
   ROHS/ Extra Thin (0.35Hmm) Full Color SMD Chip LED
LTST-C19HE2WT LITEON-LTST-C19HE2WT Datasheet
697Kb / 11P
   ROHS/ Extra Thin (0.40Hmm) Full Color SMD Chip LED/
LTST-S270KGKT LITEON-LTST-S270KGKT_14 Datasheet
404Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KAKT LITEON-LTST-S270KAKT Datasheet
642Kb / 11P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KFKT LITEON-LTST-S270KFKT_14 Datasheet
402Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KFKT LITEON-LTST-S271KFKT Datasheet
421Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KRWT LITEON-LTST-S271KRWT Datasheet
534Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KSKT LITEON-LTST-S271KSKT Datasheet
709Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com