Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APF30224 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # APF30224
Description  Compliant with European standards 1a/1c 6A Slim power relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

APF30224 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  APF30224 Datasheet HTML 1Page - Panasonic Semiconductor APF30224 Datasheet HTML 2Page - Panasonic Semiconductor APF30224 Datasheet HTML 3Page - Panasonic Semiconductor APF30224 Datasheet HTML 4Page - Panasonic Semiconductor APF30224 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
PF (APF)
ASCTB205E 201202-T
TYPES
RATING
1. Coil data
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
4.5V DC
Max. 70%V
nominal voltage
(Initial)
Min. 5%V
nominal voltage
(Initial)
37.8mA
119
170mW
120%V of
nominal voltage
5V DC
34.0mA
147
6V DC
28.3mA
212
9V DC
18.9mA
476
12V DC
14.2mA
847
18V DC
9.4mA
1,906
24V DC
7.1mA
3,388
48V DC
4.5mA
10,618
217mW
60V DC
2.9mA
20,570
175mW
Standard packing: Tube: 20 pcs.; Case: 1,000 pcs.
Contact arrangement
Nominal coil voltage
Part No.
1 Form A
(AgNi type)
4.5V DC
APF1024H
5V DC
APF10205
6V DC
APF10206
9V DC
APF10209
12V DC
APF10212
18V DC
APF10218
24V DC
APF10224
48V DC
APF10248
60V DC
APF10260
1 Form A
(AgNi type/Au-plated)
4.5V DC
APF1034H
5V DC
APF10305
6V DC
APF10306
9V DC
APF10309
12V DC
APF10312
18V DC
APF10318
24V DC
APF10324
48V DC
APF10348
60V DC
APF10360
Contact arrangement
Nominal coil voltage
Part No.
1 Form C
(AgNi type)
4.5V DC
APF3024H
5V DC
APF30205
6V DC
APF30206
9V DC
APF30209
12V DC
APF30212
18V DC
APF30218
24V DC
APF30224
48V DC
APF30248
60V DC
APF30260
1 Form C
(AgNi type/Au-plated)
4.5V DC
APF3034H
5V DC
APF30305
6V DC
APF30306
9V DC
APF30309
12V DC
APF30312
18V DC
APF30318
24V DC
APF30324
48V DC
APF30348
60V DC
APF30360


Similar Part No. - APF30224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
APF30224 PANASONIC-APF30224 Datasheet
77Kb / 5P
   Compliant with European standards 1a/1c 6A Slim power relays
More results

Similar Description - APF30224

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
PF PANASONICBATTERY-PF Datasheet
77Kb / 5P
   Compliant with European standards 1a/1c 6A Slim power relays
logo
Panasonic Semiconductor
APF10324 PANASONIC-APF10324 Datasheet
77Kb / 5P
   Compliant with European standards 1a/1c 6A Slim power relays
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
DE1A-L-5V PANASONIC-DE1A-L-5V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A-L2-24V PANASONIC-DE1A-L2-24V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-L2-12V PANASONIC-DE1A1B-L2-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
   1a/1c 10A cubic type power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
   1a/1c 10A cubic type power relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com