Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ8111 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AZ8111
Description  Limit Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AZ8111 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AZ8111 Datasheet HTML 1Page - Panasonic Semiconductor AZ8111 Datasheet HTML 2Page - Panasonic Semiconductor AZ8111 Datasheet HTML 3Page - Panasonic Semiconductor AZ8111 Datasheet HTML 4Page - Panasonic Semiconductor AZ8111 Datasheet HTML 5Page - Panasonic Semiconductor AZ8111 Datasheet HTML 6Page - Panasonic Semiconductor AZ8111 Datasheet HTML 7Page - Panasonic Semiconductor AZ8111 Datasheet HTML 8Page - Panasonic Semiconductor AZ8111 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
54
SPECIFICATIONS
1. Rating
1) Standard type
Load
Rated control voltage
Resistive load
(cos
φ]1)
Inductive load
(cos
φ]0.4)
5A
125V AC
3A
5A
250V AC
2A
0.4A
125V DC
0.1A
2) Types with neon lamp and with LED
Types
Rated control
voltage
Resistive load
(cos
φ]1)
Inductive load
(cos
φ]0.4)
With Neon lamp
With LED
125V AC
5A
3A
240V AC
5A
2A
24V DC
3A
2. Characteristics
1 Form A 1 Form B
In the free position
Contact arrangement
3. EN60947-5-1 performance
4. Operating characteristics
Item
Rated insulation voltage (Ui)
Rated impulse withstand voltage (Uimp)
Switching overvoltage
Rated enclosed thermal current (Ithe)
Conditional short-circuit current
Short-circuit protection device
Protective construction
Pollution degree
Rating
250VAC
2.5kV
2.5kV
5A
100A
10A fuse
IP64
3
15m
Ω (By voltage drop 6 to 8V DC at rated current)
Initial contact resistance, max.
Gold clad silver alloy (cadmium free)
Contact material
Min. 100M
Initial insulation resistance (At 500V DC)
1,000Vrms for 1 min Between non-consecutive terminals 2,000Vrms for 1 min Between
dead metal parts and each terminal 2,000Vrms for 1 min Between ground and each terminal
Initial breakdown voltage
Max. 98m/s2 {10G}
In the full operating position
Max. 294m/s2{30G}
Vibration resistance
Standard type: Max. 55Hz Type with indicator: 10 to 50Hz, double amplitude of 1.5mm
107 (at 120 cpm)
Shock resistance max.
Mechanical
3 105 (at rated resistive load) 5 106 (Magnetic contactor FC-100 200V AC load)
Electrical
Min. 2 104 hours (Neon lamp type)
Life of lamp
–20 to +60°C –4 to +140°F/Max. 95%
Ambient temperature/Ambient humidity
120 cpm
Max. operating speed
Expected life (Min. operations)
Characteristics
Actuator
Totaltravel (T.T.), min.
mm inch
Overtravel (O.T.), min.
mm inch
Movement Differential
(M.D.), max. mm inch
Pretravel (P.T.), max.
mm inch
R.F. (N {gf}) min.
O.F. (N {gf}) max.
1.47 {150}
8.83 {900}
5.88 {600}
0.49 {50}
20°
10°
75°
95°
1.5 .059
0.7 .028
4 .028
5.5 .217
Push plunger
Roller plunger
Cross roller plunger
Roller arm
7.84 {800}~3.35 {342}
0.49 {50}~0.21 {21}
20°
10°
75°
95°
Adjustable roller arm
7.84 {800}~1.99 {203}
0.49 {50}~0.12 {12}
20°
10°
75°
95°
Adjustable rod
0.88 {90}
30 (1.181)
20 (.787)
50 (1.969)
Flexible rod spring wire
*Characteristics measured at bent condition: min. radius 100mm 3.937inch.
Notes) 1. Keep the total travel values in the specified range. Otherwise the actuator force may rise to several times the operating force, resulting in a mechanical failure or much shorter service life.
2. For the operating characteristics, refer to the TECHNICAL INFORMATION.
Protective construction
IEC
VL Mini limit switch
VL Mini limit switch
(with lamp)
IP60
IP64
5. Protective construction
Types
Rated operating voltage Operating voltage range
Internal resister
100 to 200V AC
80 to 240V AC
120k
6V DC
5 to 15V DC
2.4k
12V DC
9 to 28V DC
4.7k
24 to 48V DC
20 to 55V DC
15k
Neon lamp
LED
6.Lamp rating
DATA
1. Life curve
200
30
0
100
Load current, A
300
400
500
1000
Life curve, resistive load
(AC 240VC cos =1)
510
φ
2. Actual load life curve (relay coil load)
Various relay loads (VA)
VC-20
0
0.5
NK
3
HP
1.0
HC
HG
5
500
1000
260
FC-35
50
FC-10
FC-100
700
WIRING DIAGRAM
Output circuit
Terminal
12
11
N.C.
N.C.
VL
14
13
N.O.
N.O.
12
14
11
13
Note: The FC magnetic contactor series is 200V AC. The NK
is 2 Form C 24V DC type.
VL (AZ8)


Similar Part No. - AZ8111

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ810NLTR-E1 BCDSEMI-AZ810NLTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NLTR-G1 BCDSEMI-AZ810NLTR-G1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NRTR-E1 BCDSEMI-AZ810NRTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NRTR-G1 BCDSEMI-AZ810NRTR-G1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NSTR-E1 BCDSEMI-AZ810NSTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results

Similar Description - AZ8111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
logo
Allen-Bradley
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C68T10Y128 SCHNEIDER-9007C68T10Y128 Datasheet
147Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com