Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTST-T680KRKTS1 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTST-T680KRKTS1
Description  Packge in 8mm tape on 7 diameter reels Compatible with automatic placement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-T680KRKTS1 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTST-T680KRKTS1 Datasheet HTML 3Page - Lite-On Technology Corporation LTST-T680KRKTS1 Datasheet HTML 4Page - Lite-On Technology Corporation LTST-T680KRKTS1 Datasheet HTML 5Page - Lite-On Technology Corporation LTST-T680KRKTS1 Datasheet HTML 6Page - Lite-On Technology Corporation LTST-T680KRKTS1 Datasheet HTML 7Page - Lite-On Technology Corporation LTST-T680KRKTS1 Datasheet HTML 8Page - Lite-On Technology Corporation LTST-T680KRKTS1 Datasheet HTML 9Page - Lite-On Technology Corporation LTST-T680KRKTS1 Datasheet HTML 10Page - Lite-On Technology Corporation LTST-T680KRKTS1 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
7. Reliability Test
No.
Test item
Test condition
Reference standard
1
Resistance to soldering heat
(Follow pre-condition)
Tsld = 260°C, 10sec.
3 times
JEITA ED-4701 300 301
2
Solderability
(Follow Pre-condition (1) and
(2), but (3)
IR-Reflow 1 time)
Tsld=245± 5°C
(Lead Free Solder, Coverage ≧ 95%
of the dipped surface)
JEITA ED-4701 300 303
3
Thermal Shock
85 ± 5°C ~ -30°C ± 5°C
30min
30min
100cycles
JEITA ED-4701 300 307
4
Temperature Cycle
-55°C ~ 25°C ~ 100°C ~ 25°C
30min
5min
30min
5min
100cycles
JEITA ED-4701 100 105
5
High Temperature Storage
100°C
1000hrs
JEITA ED-4701 200 201
6
Low Temperature Storage
-55°C
1000hrs
JEITA ED-4701 200 202
7
Temperature Humidity Storage
60°C/90%RH 300hrs
JEITA ED-4701 100 103
8
Room temp life test
25°C, IF: Max current , 1000hrs
--
8. Others
The appearance and specifications of the product may be modified for improvement without prior notice.
Part
No. : LTST-T680KRKT
Page :
10
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-T680KRKTS1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-T680KRKT LITEON-LTST-T680KRKT Datasheet
530Kb / 9P
   Single Color PLCC-2 Type T680 Package 3.5mm(L) x 2.8mm(W)
logo
HK TO-GRACE TECHNOLOGY ...
LTST-T680KRKT TO-GRACE-LTST-T680KRKT Datasheet
680Kb / 11P
   Package in 8mm tape on 7" diameter reels.
More results

Similar Description - LTST-T680KRKTS1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C155GEKT LITEON-LTST-C155GEKT Datasheet
364Kb / 6P
   Package in 8mm tape on 7 diameter reels Compatible with automatic placement equipment
LTST-C930EKT LITEON-LTST-C930EKT Datasheet
364Kb / 6P
   Package in 8mm tape 7 diameter reels Compatble with automatic placement equipment
LTW-006DCG-5 LITEON-LTW-006DCG-5 Datasheet
437Kb / 11P
   Package in 12mm tape on 7 diameter reels Compatible with automatic placement equipment
LTST-C150AKT LITEON-LTST-C150AKT Datasheet
307Kb / 6P
   PACKAGE IN 8MM TAPE ON 7" DIAMETER REELS.
LTST-010TBKT LITEON-LTST-010TBKT Datasheet
453Kb / 11P
   Package in 8mm tape on 7" diameter reels
logo
HK TO-GRACE TECHNOLOGY ...
LTW-008ZDCG TO-GRACE-LTW-008ZDCG Datasheet
685Kb / 11P
   Package in 8mm tape on 7" diameter reels.
LTST-010KRKT TO-GRACE-LTST-010KRKT Datasheet
660Kb / 11P
   Package in 8mm tape on 7" diameter reels.
LTST-T680KGKT TO-GRACE-LTST-T680KGKT Datasheet
681Kb / 11P
   Package in 8mm tape on 7" diameter reels.
LTW-M670ZVS-M5 TO-GRACE-LTW-M670ZVS-M5 Datasheet
680Kb / 11P
   Package in 8mm tape on 7" diameter reels.
logo
Lite-On Technology Corp...
LTST-T670YKT LITEON-LTST-T670YKT Datasheet
245Kb / 6P
   Package in 8mm tape on 7 diameter reels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com