Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTW-006DCG-V0 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTW-006DCG-V0
Description  Package in 12mm tape on 7 diameter reels Compatible with automatic placement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-006DCG-V0 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTW-006DCG-V0 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 9Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 10Page - Lite-On Technology Corporation LTW-006DCG-V0 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Part
No. : LTW-006DCG-5
Page :
10
of
11
BNS-OD-C131/A4
6. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED. Suggestions to prevent ESD damage:
Use of a conductive wrist band or anti-E2lectrostatic glove when handling these LEDs.
All devices, equipment, and machinery must be properly grounded.
Work tables, storage racks, etc. should be properly grounded.
Use ion blower to neutralize the static charge which might have built up on surface of the LED’s
plastic lens as a result of friction between LEDs during storage and handling.
ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low
forward voltage, or “ no lightup ” at low currents.
To verify for ESD damage, check for “ lightup ” and Vf of the suspect LEDs at low currents.
The Vf of “ good ” LEDs should be >2.0V@0.1mA for InGaN product
7.1 Reliability Test
Test Item
Test Condition
Reference Standard
Note
Number of
Damaged
Resistance to Soldering
Heat (Reflow Soldering)
Tsld=260℃, 10sec.
JEITA ED-4701
300 301
2 times
0/50
Solderability
(Reflow Soldering)
Tsld=245±5℃, 3sec.
(Lead Free Solder)
JEITA ED-4701
300 303
1 time
Over 95%
0/50
Thermal Shock
-30℃ ~ 85℃
30min.
30min.
JEITA ED-4701
300 307
100 cycles
0/50
Temperature Cycle
-40℃ ~ 25℃ ~ 100℃ ~ 25℃
30min.
5min.
30min.
5min.
JEITA ED-4701
100 105
100 cycles
0/50
High Temperature Storage
Ta=100℃
JEITA ED-4701
200 201
1000 hrs.
0/50
Temperature Humidity
Storage
Ta=60℃, RH=90%
JEITA ED-4701
100 103
1000 hrs.
0/50
Low Temperature Storage
Ta=-40℃
JEITA ED-4701
200 202
1000 hrs.
0/50
Steady State
Operating Life Condition 1
Ta=25℃, IF=20mA
1000 hrs.
0/50
Steady State
Operating Life Condition 2
Ta=25℃, IF=30mA
500 hrs.
0/50
Steady State
Operating Life of High
Temperature
Ta=85℃, IF=5mA
1000 hrs.
0/50
Steady State
Operating Life of High
Humidity Heat
60℃, RH=90% , IF=15mA
500 hrs.
0/50
Steady State
Operating Life of low
Temperature
Ta=-30℃, IF=20mA
1000 hrs.
0/50


Similar Part No. - LTW-006DCG-V0

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-006DCG-E1 LITEON-LTW-006DCG-E1 Datasheet
447Kb / 11P
   Property of Lite-On Only
logo
HK TO-GRACE TECHNOLOGY ...
LTW-006DCG-E1 TO-GRACE-LTW-006DCG-E1 Datasheet
663Kb / 11P
   Package in 12mm tape on 7" diameter reels.
logo
Lite-On Technology Corp...
LTW-006DCG-E2 LITEON-LTW-006DCG-E2 Datasheet
448Kb / 11P
   Property of Lite-On Only
logo
HK TO-GRACE TECHNOLOGY ...
LTW-006DCG-E2 TO-GRACE-LTW-006DCG-E2 Datasheet
678Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-006DCG-P1 TO-GRACE-LTW-006DCG-P1 Datasheet
680Kb / 11P
   Package in 12mm tape on 7" diameter reels.
More results

Similar Description - LTW-006DCG-V0

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C155GEKT LITEON-LTST-C155GEKT Datasheet
364Kb / 6P
   Package in 8mm tape on 7 diameter reels Compatible with automatic placement equipment
LTST-T680KRKT LITEON-LTST-T680KRKT Datasheet
484Kb / 11P
   Packge in 8mm tape on 7 diameter reels Compatible with automatic placement equipment
logo
HK TO-GRACE TECHNOLOGY ...
LTW-008RGB-L TO-GRACE-LTW-008RGB-L Datasheet
724Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-006DCG-P1 TO-GRACE-LTW-006DCG-P1 Datasheet
680Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-006DCG-E2 TO-GRACE-LTW-006DCG-E2 Datasheet
678Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-020ZDCG TO-GRACE-LTW-020ZDCG Datasheet
672Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTST-020ZBL TO-GRACE-LTST-020ZBL Datasheet
665Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-020ZDCG5 TO-GRACE-LTW-020ZDCG5 Datasheet
670Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-020ZDCG-E1 TO-GRACE-LTW-020ZDCG-E1 Datasheet
686Kb / 11P
   Package in 12mm tape on 7" diameter reels.
LTW-010GCG TO-GRACE-LTW-010GCG Datasheet
664Kb / 11P
   Package in 12mm tape on 7" diameter reels.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com