Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ8107161 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AZ8107161
Description  Limit Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AZ8107161 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AZ8107161 Datasheet HTML 5Page - Panasonic Semiconductor AZ8107161 Datasheet HTML 6Page - Panasonic Semiconductor AZ8107161 Datasheet HTML 7Page - Panasonic Semiconductor AZ8107161 Datasheet HTML 8Page - Panasonic Semiconductor AZ8107161 Datasheet HTML 9Page - Panasonic Semiconductor AZ8107161 Datasheet HTML 10Page - Panasonic Semiconductor AZ8107161 Datasheet HTML 11Page - Panasonic Semiconductor AZ8107161 Datasheet HTML 12Page - Panasonic Semiconductor AZ8107161 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
59
1. Over travel (O.T.)
1) When overtravel is too large, life is
shortened due to possible damage to the
mechanism. Please use in the following
appropriate range.
2. Ambient conditions
1) Because these switches are not of
immersion protected construction, their
use in water or oil should be avoided.
Also, locations where water or oil can
normally impinge upon the switch or
where there is an excessive accumula-
tion of dust should be avoided.
2) The use of these switches under the
following conditions should be avoided. If
the following conditions should become
necessary, we recommend consulting us
first.
• Use where there will be direct contact
with organic solvents, strong acids or
alkalis, or direct exposure to their vapors.
• Use where inflammable or corrosive
gases exist.
3) Use within an ambient temperature of
–20 to +60°C –4 to +140°F. (However,
do not allow it to freeze.)
4) In order to maintain the reliability at a
high level under practical conditions of
use, the actual operating conditions
should be checked for the benefit of the
quality of the product.
5) If OT is too big, the life of limit switch
will be shortened switching friction. Use it
with enough margin of OT. 70% of OT
standard value will be good for use.
6) Do not use the switch in a silicon
atmosphere. Case should be taken
where organic silicon rubber, adhesive,
sealing material, oil, grease or lead wire
generates silicon.
7) When wiring, do not connect the lead
wires directly to the terminals, but use
the crimp terminals and tighten them to a
torque of 0.39 to 0.59 N·m {4 to 6
kg·cm}.
8) Avoid use in excessively dusty envi-
ronments where actuator operation
would be hindered.
9) When used outdoors (in places where
there is exposure to direct sunlight or
rain such as in multistory car parks) or in
environments where ozone is generated,
the influence of these environments may
cause deterioration of the rubber materi-
al. Please consult us if you intend to use
a switch in environments such as these.
10) Do not store in places where organic
gas might be generated or in places of
high dust content or high humidity.
3. Installation
1) Tighten the three cover installation
screws equally. Tightening torque is 0.2
to 0.29 N·m (2 to 3 kg·cm).
2) Avoid having extra cord length pushed
into the cord vent. Any extra length when
wiring should be allowed to rest in its
natural position.
CAUTIONS
WIRING (unit: mm inch)
1. Insulation distance greater than
6.4 mm
Reinforced plastic with superior electrical
insulation characteristics is used in the
wiring and charging sections. Despite its
compactness, to maintain stable insula-
tion performance, the insulation distance
for each part is greater than 6.4 mm
without using an insulation sheet.
(Complies with UL, CSA, and VDE.)
2. Includes ground terminal
3. Loose stop terminals used.
washer
Spring (4 locations)
Projection (8 locations)
Groove (8 points)
screw
Terminal
Terminal
N.C. use
16
N.O. use
32
.630
1.260
Max. 10
Max. 6.4
3.0 to 3.7 dia.
.394
.118 to .146
Max. 6.4
Max. 6.4
3.0 to 3.7 dia.
.118 to .146
3.0 to 3.7 dia.
.118 to .146
.252
.252
.252
Max. 10
.394
Max. 14
Max. 6.4
3.0 to 3.7 dia.
.551
.118 to .146
Max. 6.4
Max. 14
.551
Max. 10
.394
3.0 to 3.7 dia.
.118 to .146
Max. 6.4
3.0 to 3.7 dia.
.118 to .146
.252
.252
.252
Applicable fasten terminal
Grounding terminal
With insulated grip
Fasten terminal
Applicable wire
Head block direction
change
(Roller arm, adjustable roller arm, adjustable rod types)
Finished outside diameter
Conductor
Wire-strand
Round shape
6 dia. to 9 dia.
Flat shape Max. 9.4
0.75mm2·1.25mm2
2.0mm2
0.75mm2·1.25mm2
2-wire
3-wire
4-wire
Wire name
Vinyl cabtire cord (VCTF)
0.75mm2
2-wire
Vinyl cabtire cable (VCT)
1.0 dia. to 1.2 dia.
1.6 dia.
2-wire
600V vinyl insulation sealed cable
(VVF)
Applicable wire
Lock screw (Black)
Actuator heads
may be moved
in 90° incre-
ments to any of
four directions,
by removing
one screw.
Types
Overtravel
Plunger
(AZ8111, 8112, 8122)
1.5 to 2.0mm
.059 to .079inch
Roller Arm
(AZ8104, 8107, 8108)
20 to 30°
Flexible Rod
(AZ8166, 8169)
15 to 20mm .591 to
.787inch (at the top)
VL (AZ8)


Similar Part No. - AZ8107161

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ810NLTR-E1 BCDSEMI-AZ810NLTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NLTR-G1 BCDSEMI-AZ810NLTR-G1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NRTR-E1 BCDSEMI-AZ810NRTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NRTR-G1 BCDSEMI-AZ810NRTR-G1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NSTR-E1 BCDSEMI-AZ810NSTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results

Similar Description - AZ8107161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
logo
Allen-Bradley
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C68T10Y128 SCHNEIDER-9007C68T10Y128 Datasheet
147Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com