Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV400461 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AV400461
Description  ONE OF THE SMALLEST SNAP-ACTION SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AV400461 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AV400461 Datasheet HTML 1Page - Panasonic Semiconductor AV400461 Datasheet HTML 2Page - Panasonic Semiconductor AV400461 Datasheet HTML 3Page - Panasonic Semiconductor AV400461 Datasheet HTML 4Page - Panasonic Semiconductor AV400461 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AV4
ORDERING INFORMATION
ONE OF THE SMALLEST
SNAP-ACTION SWITCHES
IN THE WORLD
AV4
SWITCHES
FEATURES
• Superminiature type, light-weight
snap action switch
PC board terminal type
(0.2g)
Solder terminal type
with mounting holes
(0.3g)
mm
• Mechanical life of 300,000 operations
minimum
Stainless steel plated silver or gold is
used for actuating spring
• Switches can be mounted close
together in any directions
TYPICAL
APPLICATIONS
• Compact visual equipment
Camera, portable VCR
• Small-sized audio equipment
Cassette tape recorder, Car stereo
• Office automation equipment
Light pen for personal computer, floppy
disc apparatus, printer, computer
2.5
4.5
7.5
2.5
6.6
7.5
Product Name
FU
Terminals
Actuators
Contacts
0: Solder terminal with mounting holes
(1.65 mm dia.)
4: PC board straight terminal
5: PC board angle terminal
6: PC board reverse angle terminal
0: Pin plunger
2: Hinge lever
4: Simulated roller lever
4: 0.98 N
Operating force, max.
(by pin plunger)
Nil: Ag plate contact
61: Au plate contact
Ex.
AV
4
4
0
4
61
CONSTRUCTION
PC board straight terminal type
CONTACT ARRANGEMENT
Pin plunger
Body
Stand off
Actuating spring
Self-standing terminal
of 2.54 mm pitch
COM
NO
NC
AECTB16E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
RoHS compliant


Similar Part No. - AV400461

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
AV40K0805G201N SEI-AV40K0805G201N Datasheet
1Mb / 6P
   Automotive SMD Varistor
08/19/2019
AV40K0805K201N SEI-AV40K0805K201N Datasheet
1Mb / 6P
   Automotive SMD Varistor
08/19/2019
AV40K0805T201N SEI-AV40K0805T201N Datasheet
1Mb / 6P
   Automotive SMD Varistor
08/19/2019
logo
Bourns Electronic Solut...
AV40K1206201HT BOURNS-AV40K1206201HT Datasheet
1Mb / 17P
   High Temperature Automotive Grade Varistors
logo
Stackpole Electronics, ...
AV40K1206G201N SEI-AV40K1206G201N Datasheet
1Mb / 6P
   Automotive SMD Varistor
08/19/2019
More results

Similar Description - AV400461

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
   one of the smallest SSDs in the market
logo
E-SWITCH
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
   SNAP ACTION SWITCHES
logo
TE Connectivity Ltd
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
   Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
   Snap Action Switches
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
   Snap Action Switches
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
   SNAP ACTION SWITCHES-MINIATURE
logo
List of Unclassifed Man...
11-304 ETC2-11-304 Datasheet
1Mb / 30P
   LICON. SNAP ACTION SWITCHES
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
   One of the smallest in-duct CO2 transmitters on the market
logo
SHINMEI ELECTRIC CO., L...
MQS-53 SHINMEI-MQS-53 Datasheet
171Kb / 6P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com