Electronic Components Datasheet Search |
|
EEEFK0J332AQ Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
EEEFK0J332AQ Datasheet(HTML) 4 Page - Panasonic Semiconductor |
4 / 5 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ FK ■ High temperature Lead-Free reflow W.V. Cap. (±20 %) Case size Specification Part No. (RoHS:compliant) Reflow Min. Packaging Q'ty Dia. Length ✽Size Code Ripple Current (100 kHz) (+105 °C) Impedance (100 kHz) (+20 °C) tan δ (120 Hz) (+20 °C) Taping (V) (µF) (mm) (mm) (mA r.m.s.) (pcs) 6.3 22 45.8 B 90 1.35 0.26 EEEFK0J220AR (5) 2000 47 4 5.8 (B) 90 1.35 0.26 EEEFKJ470UAR (5) 2000 5 5.8 C 160 0.70 0.26 EEEFK0J470AR (5) 1000 100 5 5.8 (C) 160 0.70 0.26 EEEFKJ101UAR (5) 1000 6.3 5.8 D 240 0.36 0.26 EEEFK0J101AP (5) 1000 220 6.3 5.8 D 240 0.36 0.26 EEEFK0J221AP (5) 1000 330 6.3 7.7 D8 280 0.34 0.26 EEEFKJ331XAP (5) 900 8 6.2 E 300 0.26 0.26 EEEFK0J331AP (6) 1000 470 8 10.2F 600 0.16 0.26 EEEFK0J471AP (6) 500 1000 8 10.2F 600 0.16 0.26 EEEFK0J102AP (6) 500 1500 10 10.2 G 850 0.08 0.26 EEEFK0J152AP (6) 500 10 22 45.8 B 90 1.35 0.19 EEEFK1A220AR (5) 2000 33 4 5.8 (B) 90 1.35 0.19 EEEFKA330UAR (5) 2000 5 5.8 C 160 0.70 0.19 EEEFK1A330AR (5) 1000 150 6.3 5.8 D 240 0.36 0.19 EEEFK1A151AP (5) 1000 220 6.3 7.7 D8 280 0.34 0.19 EEEFKA221XAP (5) 900 8 6.2 E 300 0.26 0.19 EEEFK1A221AP (6) 1000 330 8 10.2F 600 0.160.19 EEEFK1A331AP (6) 500 470 8 10.2F 600 0.160.19 EEEFK1A471AP (6) 500 680 8 10.2F 600 0.160.19 EEEFK1A681AP (6) 500 1000 10 10.2 G 850 0.08 0.19 EEEFK1A102AP (6) 500 16 10 45.8 B 90 1.35 0.16 EEEFK1C100AR (5) 2000 22 4 5.8 (B) 90 1.35 0.16 EEEFKC220UAR (5) 2000 5 5.8 C 160 0.70 0.16 EEEFK1C220AR (5) 1000 47 5 5.8 (C) 160 0.70 0.16 EEEFKC470UAR (5) 1000 6.3 5.8 D 240 0.36 0.16 EEEFK1C470AP (5) 1000 68 6.3 5.8 D 240 0.36 0.16 EEEFK1C680AP (5) 1000 100 6.3 5.8 D 240 0.36 0.16 EEEFK1C101AP (5) 1000 150 6.3 7.7 D8 280 0.34 0.16 EEEFKC151XAP (5) 900 220 6.3 7.7 D8 280 0.34 0.16 EEEFKC221XAP (5) 900 8 6.2 E 300 0.26 0.16 EEEFK1C221AP (6) 1000 330 8 10.2F 600 0.160.16 EEEFK1C331AP (6) 500 470 8 10.2F 600 0.160.16 EEEFK1C471AP (6) 500 680 10 10.2 G 850 0.08 0.16 EEEFK1C681AP (6) 500 25 10 45.8 B 90 1.35 0.14 EEEFK1E100AR (5) 2000 22 5 5.8 C 160 0.70 0.14 EEEFK1E220AR (5) 1000 33 5 5.8 (C) 160 0.70 0.14 EEEFKE330UAR (5) 1000 6.3 5.8 D 240 0.36 0.14 EEEFK1E330AP (5) 1000 47 6.3 5.8 D 240 0.36 0.14 EEEFK1E470AP (5) 1000 68 6.3 5.8 D 240 0.36 0.14 EEEFK1E680AP (5) 1000 100 6.3 7.7 D8 280 0.34 0.14 EEEFKE101XAP (5) 900 8 6.2 E 300 0.26 0.14 EEEFK1E101AP (6) 1000 150 8 10.2F 600 0.160.14 EEEFK1E151AP (6) 500 220 8 10.2F 600 0.160.14 EEEFK1E221AP (6) 500 330 8 10.2F 600 0.160.14 EEEFK1E331AP (6) 500 470 10 10.2 G 850 0.08 0.14 EEEFK1E471AP (6) 500 35 4.7 4 5.8 B 90 1.35 0.12 EEEFK1V4R7AR (5) 2000 10 4 5.8 (B) 90 1.35 0.12 EEEFKV100UAR (5) 2000 5 5.8 C 160 0.70 0.12 EEEFK1V100AR (5) 1000 22 5 5.8 C 160 0.70 0.12 EEEFK1V220AR (5) 1000 33 6.3 5.8 D 240 0.36 0.12 EEEFK1V330AP (5) 1000 47 6.3 5.8 D 240 0.36 0.12 EEEFK1V470AP (5) 1000 68 6.3 7.7 D8 280 0.34 0.12 EEEFKV680XAP (5) 900 100 8 10.2F 600 0.160.12 EEEFK1V101AP (6) 500 150 8 10.2F 600 0.160.12 EEEFK1V151AP (6) 500 220 8 10.2F 600 0.160.12 EEEFK1V221AP (6) 500 330 10 10.2 G 850 0.08 0.12 EEEFK1V331AP (6) 500 ✽Size code( ):Miniaturization product If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J J, 1A A, 1C C, 1E E, 1V V The taping dimensions are explained on p.177 of our Catalog. Please use it as a reference guide. Reflow Profile(Fig-1 to Fig-11) listed on p.175 of our Catalog. Endurance : 105 °C 2000 h Jul. 2008 |
Similar Part No. - EEEFK0J332AQ |
|
Similar Description - EEEFK0J332AQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |