Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARE10A24Z Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ARE10A24Z
Description  2.6 GHz SMALL MICROWAVE RELAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARE10A24Z Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ARE10A24Z Datasheet HTML 1Page - Panasonic Semiconductor ARE10A24Z Datasheet HTML 2Page - Panasonic Semiconductor ARE10A24Z Datasheet HTML 3Page - Panasonic Semiconductor ARE10A24Z Datasheet HTML 4Page - Panasonic Semiconductor ARE10A24Z Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RE (ARE)
ASCTB104E 201202-T
ORDERING INFORMATION
2.6 GHz SMALL
MICROWAVE RELAYS
RE RELAYS (ARE)
RoHS compliant
FEATURES
• Excellent high frequency
characteristics (to 2.6GHz)
• Surface-mount type also available
• Compact and slim size
Size: 20.2(L)
× 11.2(W) × 8.9(H)* mm
.795(L)
× .441(W) × .350(H) inch
*The height of Surface-mount type is
9.6 mm .378 inch size.
TYPICAL APPLICATIONS
1. Broadcasting and video markets.
• Digital broadcasting market
• STB/tuner market, etc.
2. Communications market
• Antennae switching
• All types of wireless devices
If you wish to use in applications with low
level loads or with high frequency
switching, please consult us.
Type
Frequency
900MHz
2.6GHz
Impedance
50
V.S.W.R.
(Max.)
1.3
1.7
Insertion loss
(dB, Max.)
0.2
0.7
Isolation
(dB, Min.)
60
30
Impedance
75
V.S.W.R.
(Max.)
1.2
1.5
Insertion loss
(dB, Max.)
0.2
0.5
Isolation
(dB, Min.)
60
30
Contact arrangement
1: 1 Form C
RE relays
ARE
1
Operating function
0: Single side stable type (Impedance 50
Ω)
3: Single side stable type (Impedance 75
Ω)
Terminal shape
Nil:
A:
Coil voltage (DC)
03: 3V, 4H: 4.5V, 06: 6V, 09: 9V, 12: 12V, 24: 24V
(H=0.5)
Packing style
Nil:
Z:
Standard PC board terminal
Surface-mount terminal
Carton packing (Standard PC board terminal only)
Tube packing (Surface-mount terminal only)
Tape and reel packing (picked from 14 pin side)


Similar Part No. - ARE10A24Z

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ARE1-8930-00000 BOARDCOM-ARE1-8930-00000 Datasheet
853Kb / 10P
   High Power Infrared Emitting Diodes
ARE1-89C0-00000 BOARDCOM-ARE1-89C0-00000 Datasheet
853Kb / 10P
   High Power Infrared Emitting Diodes
ARE1-89D0-00000 BOARDCOM-ARE1-89D0-00000 Datasheet
853Kb / 10P
   High Power Infrared Emitting Diodes
ARE1-8F30-00000 BOARDCOM-ARE1-8F30-00000 Datasheet
853Kb / 10P
   High Power Infrared Emitting Diodes
ARE1-8FC0-00000 BOARDCOM-ARE1-8FC0-00000 Datasheet
853Kb / 10P
   High Power Infrared Emitting Diodes
More results

Similar Description - ARE10A24Z

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ARE1303 NAIS-ARE1303 Datasheet
113Kb / 3P
   2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
logo
Johanson Technology Inc...
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
2595FB39A0050 JOHANSON-2595FB39A0050 Datasheet
126Kb / 2P
   2.6 GHz Balun/Filter Combination
2598BP39A0205 JOHANSON-2598BP39A0205 Datasheet
119Kb / 2P
   2.6 GHz Band Pass Filter
2600AT44A0600 JOHANSON-2600AT44A0600 Datasheet
307Kb / 4P
   2.6 GHz Wideband Chip Antenna
2593BP44B186 JOHANSON-2593BP44B186 Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
logo
Skyworks Solutions Inc.
DC25-73 SKYWORKS-DC25-73 Datasheet
171Kb / 4P
   Directional Coupler 2.3-2.6 GHz
logo
Johanson Technology Inc...
2600CF15A0200 JOHANSON-2600CF15A0200 Datasheet
140Kb / 4P
   2.6 GHz Directional Coupler / Filter Combination
logo
Panasonic Semiconductor
ARS144H PANASONIC-ARS144H Datasheet
375Kb / 12P
   3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
logo
Johanson Technology Inc...
2595FB16A0100 JOHANSON-2595FB16A0100 Datasheet
207Kb / 2P
   2.6 GHz 1:2 Balun/Filter Combination
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com