Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARE13A24Z Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ARE13A24Z
Description  2.6 GHz SMALL MICROWAVE RELAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARE13A24Z Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ARE13A24Z Datasheet HTML 1Page - Panasonic Semiconductor ARE13A24Z Datasheet HTML 2Page - Panasonic Semiconductor ARE13A24Z Datasheet HTML 3Page - Panasonic Semiconductor ARE13A24Z Datasheet HTML 4Page - Panasonic Semiconductor ARE13A24Z Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RE (ARE)
ASCTB104E 201202-T
TYPES
1. Standard PC board terminal
Standard packing: 50 pcs. in an inner package; 500 pcs. in an outer package
2. Surface-mount terminal
1) Tube package
Standard packing: 25 pcs. in an inner package (tube); 200 pcs. in an outer package
2) Tape and reel package
Standard packing: 400 pcs. in an inner package (tape and reel); 800 pcs. in an outer package
RATING
1. Coil data
Nominal coil
voltage
Part No.
Single side stable type (Impedance 50
Ω)
Single side stable type (Impedance 75
Ω)
3 V DC
ARE1003
ARE1303
4.5V DC
ARE104H
ARE134H
6 V DC
ARE1006
ARE1306
9 V DC
ARE1009
ARE1309
12 V DC
ARE1012
ARE1312
24 V DC
ARE1024
ARE1324
Nominal coil
voltage
Part No.
Single side stable type (Impedance 50
Ω)
Single side stable type (Impedance 75
Ω)
3 V DC
ARE10A03
ARE13A03
4.5V DC
ARE10A4H
ARE13A4H
6 V DC
ARE10A06
ARE13A06
9 V DC
ARE10A09
ARE13A09
12 V DC
ARE10A12
ARE13A12
24 V DC
ARE10A24
ARE13A24
Nominal coil
voltage
Part No.
Single side stable type (Impedance 50
Ω)
Single side stable type (Impedance 75
Ω)
3 V DC
ARE10A03Z
ARE13A03Z
4.5V DC
ARE10A4HZ
ARE13A4HZ
6 V DC
ARE10A06Z
ARE13A06Z
9 V DC
ARE10A09Z
ARE13A09Z
12 V DC
ARE10A12Z
ARE13A12Z
24 V DC
ARE10A24Z
ARE13A24Z
Nominal coil
voltage
Pick-up voltage
(at 20°C 68°F)
Drop-out voltage
(at 20°C 68°F)
Nominal operating
current
[±10%] (at 20°C 68°F)
Coil resistance
[±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 70°C 158°F)
3 V DC
75%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
66.7mA
45
200mW
110%V of nominal
voltage
4.5V DC
44.4mA
101
6 V DC
33.3mA
180
9 V DC
22.2mA
405
12 V DC
16.7mA
720
24 V DC
8.3mA
2,880


Similar Part No. - ARE13A24Z

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ARE13A24Z NAIS-ARE13A24Z Datasheet
113Kb / 3P
   2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
More results

Similar Description - ARE13A24Z

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ARE1303 NAIS-ARE1303 Datasheet
113Kb / 3P
   2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
logo
Johanson Technology Inc...
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
2595FB39A0050 JOHANSON-2595FB39A0050 Datasheet
126Kb / 2P
   2.6 GHz Balun/Filter Combination
2598BP39A0205 JOHANSON-2598BP39A0205 Datasheet
119Kb / 2P
   2.6 GHz Band Pass Filter
2600AT44A0600 JOHANSON-2600AT44A0600 Datasheet
307Kb / 4P
   2.6 GHz Wideband Chip Antenna
2593BP44B186 JOHANSON-2593BP44B186 Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
logo
Skyworks Solutions Inc.
DC25-73 SKYWORKS-DC25-73 Datasheet
171Kb / 4P
   Directional Coupler 2.3-2.6 GHz
logo
Johanson Technology Inc...
2600CF15A0200 JOHANSON-2600CF15A0200 Datasheet
140Kb / 4P
   2.6 GHz Directional Coupler / Filter Combination
logo
Panasonic Semiconductor
ARS144H PANASONIC-ARS144H Datasheet
375Kb / 12P
   3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
logo
Johanson Technology Inc...
2595FB16A0100 JOHANSON-2595FB16A0100 Datasheet
207Kb / 2P
   2.6 GHz 1:2 Balun/Filter Combination
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com