Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAN3R10 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # MAN3R10
Description  0.3 Inch (7.62mm) COMPACT NUMERIC FRAME DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MAN3R10 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  MAN3R10 Datasheet HTML 1Page - Fairchild Semiconductor MAN3R10 Datasheet HTML 2Page - Fairchild Semiconductor MAN3R10 Datasheet HTML 3Page - Fairchild Semiconductor MAN3R10 Datasheet HTML 4Page - Fairchild Semiconductor MAN3R10 Datasheet HTML 5Page - Fairchild Semiconductor MAN3R10 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
www.fairchildsemi.com
© 2000 Fairchild Semiconductor Corporation
0.3 Inch (7.62mm) COMPACT
NUMERIC FRAME DISPLAY


Similar Part No. - MAN3R10

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MAN3010A QT-MAN3010A Datasheet
547Kb / 7P
   DOUBLE HETEROJUNCTION AIGAAS RED LOW CURRENT DISPLAYS
logo
Fairchild Semiconductor
MAN3010A FAIRCHILD-MAN3010A Datasheet
579Kb / 8P
   DOUBLE HETEROJUNCTION LOW CURRENT DISPLAYS
logo
QT Optoelectronics
MAN3020A QT-MAN3020A Datasheet
547Kb / 7P
   DOUBLE HETEROJUNCTION AIGAAS RED LOW CURRENT DISPLAYS
logo
Fairchild Semiconductor
MAN3020A FAIRCHILD-MAN3020A Datasheet
579Kb / 8P
   DOUBLE HETEROJUNCTION LOW CURRENT DISPLAYS
logo
QT Optoelectronics
MAN3040A QT-MAN3040A Datasheet
547Kb / 7P
   DOUBLE HETEROJUNCTION AIGAAS RED LOW CURRENT DISPLAYS
More results

Similar Description - MAN3R10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MANC3110 FAIRCHILD-MANC3110 Datasheet
932Kb / 7P
   7.6mm 0.3 inch COMPACT NUMERIC FRAME DISPLAY
logo
SunLED Corporation
DMR07C2-A SUNLED-DMR07C2-A Datasheet
188Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DUG07A2-A SUNLED-DUG07A2-A Datasheet
189Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DUY07A2-A SUNLED-DUY07A2-A Datasheet
191Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DMR07A SUNLED-DMR07A Datasheet
186Kb / 4P
   7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DUR07C2-A SUNLED-DUR07C2-A Datasheet
189Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DMR07C SUNLED-DMR07C Datasheet
184Kb / 4P
   7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DUR07A SUNLED-DUR07A Datasheet
186Kb / 4P
   7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DUG07A SUNLED-DUG07A Datasheet
186Kb / 4P
   7.62mm (0.3?? SINGLE DIGIT NUMERIC DISPLAY
DUR07A2-A SUNLED-DUR07A2-A Datasheet
189Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com