Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ816666 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # AZ816666
Description  Limit Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AZ816666 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button AZ816666 Datasheet HTML 7Page - Panasonic Semiconductor AZ816666 Datasheet HTML 8Page - Panasonic Semiconductor AZ816666 Datasheet HTML 9Page - Panasonic Semiconductor AZ816666 Datasheet HTML 10Page - Panasonic Semiconductor AZ816666 Datasheet HTML 11Page - Panasonic Semiconductor AZ816666 Datasheet HTML 12Page - Panasonic Semiconductor AZ816666 Datasheet HTML 13Page - Panasonic Semiconductor AZ816666 Datasheet HTML 14Page - Panasonic Semiconductor AZ816666 Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2
One-way roller lever
Roller lever
Hinge lever
Short
Long
AZH20
22
Classification
Subminiature size
Compact size
Product name
SL (AZ3) Micro
Limit Switches
HL (AZH)
Limit Switches
(Die cast case)
HL (AZH)
Limit Switches
(Die cast case)
HL (AZH)
Limit Switches
(Plastic case)
ML (AZ7)
Limit Switches
(standard)
ML (AZ7)
Limit Switches
(Epoxy-Sealed terminal type)
Feature
Dust-proof type IP60
IP64
IP65
IP67
Abrasion-proof type
Surge-proof type
Corrosion-proof type
Oil-resistant type
Neon
LED
Mechanical
Life
(Min.ope.)
Operating force
(max.)
(hinge lever type)
Available
actuators
Terminals
Wiring
Mounting pitch
(Applicable screw)
Available standards
Page
Electrical
Ratings
(load resistance)
• A limit switch with
high-density mounting
that improves stroke
capacity through an
O.T. absorption-type
spring.
• LED lamp type also
available.
Rubber-cover type Socket with cord type
–––
–––
–––––
(with LED lamps)
[Bifurcated type]
–––
10A250V AC
10A125V AC
0.4A115V DC
10A250V AC
10A125V AC
0.4A115V DC
––
––
––
4A250V AC
4A125V AC
4A30V DC
0.1A 125V DC
107
107
107
107
107
107
105
0. 98N {100gf}
1. 96N {200gf}
(short lever type)
2. 94N {300gf}
• Rubber cover (Solder
and quick connect
(#110) terminal)
• Socket with cord
Cabtire code
Cross-angled wiring
28
14mm
1.102
.551inch
(M4 screw)
UL, CSA
P.13
P.18
P.18
P.18
P.33
P.33
UL, CSA, TÜV, CE
UL, CSA, TÜV, CE
UL, CSA, TÜV, CE
UL, C-UL, TÜV, CE
33mm 1.299inch
(M4 screw)
33mm 1.299inch
(M4 screw)
33mm 1.299inch
(M4 screw)
25.4mm 1.000inch
(M4 screw)
25.4mm 1.000inch
(M4 screw)
Cabtire code
Cabtire code
Cabtire code
Cabtire cable
Cabtire cable
Screw terminal
Connector terminal
Screw terminal
Screw terminal
Vinyl cabtire cable
(1m 3.281ft)
2.45N {250gf}
3. 92N {400gf}
11.8N {1,200gf}
(Plunger type)
2.45N {250gf}
3.92N {400gf}
11.8N {1,200gf}
(Plunger type)
2.45N {250gf}
3. 92N {400gf}
1.47N {150gf}, 1.77N {180gf},
1.96N {200gf}, 2.16N {220gf},
2.35N {240gf}, 2.75N {280gf},
5.88N {600gf} max.
1.47N {150gf}, 1.77N {180gf},
1.96N {200gf}, 2.16N {220gf},
2.35N {240gf}, 2.75N {280gf},
5.88N {600gf} max.
5x105
5x105
5x105
2x105
2x105
[Standard type]
5A125V AC
5A250V AC
5A8V DC
5A14V DC
5A30V DC
0.5A125V DC
0.25A250V DC
[Standard type]
5A125V AC
5A250V AC
5A8V DC
5A14V DC
5A30V DC
0.5A125V DC
0.25A250V DC
[Bifurcated type]
0.1A125V AC
0.1A8V DC
0.1A14V DC
0.1A30V DC
[Bifurcated type]
0.1A125V AC
0.1A8V DC
0.1A14V DC
0.1A30V DC
without LEDlamps
0.1A125V AC
0.1A8V DC
0.1A14V DC
0.1A30V DC
with LEDlamps
0.1A24V AC
• High sealability that
satisfies IEC IP67.
• Wiring is screw-ter-
minal type.
• Bifurcated type also
available.
• High sealability that
satisfies IEC IP67.
• Less wiring, less
installation connec-
tor type.
• LED lamp type also
available.
• Bifurcated type
available.
• Perfect for applica-
tions that prioritize
economy.
• Switches installed
with both economical
and compact Z-basic
microswitches and
limit switch protective
construction.
• Coil spring system
provides long life.
• An ML compact limit
switch with an
epoxy-sealed case
that completely
encloses the
terminal.
Appearance
Head code
AZ3
AZH23
AZH10
12
AZ7
AZ7
SELECTOR CHART
Note: Excludes limit switch replacement parts
Actuators
Push plunger
Roller plunger
Cross-roller plunger
Roller arm
Adjustable roller arm
Adjustable rod
Fork
Spring wire
Flexible rod
Roller lever
Short
Long
Short
Long


Similar Part No. - AZ816666

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ810NLTR-E1 BCDSEMI-AZ810NLTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NLTR-G1 BCDSEMI-AZ810NLTR-G1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NRTR-E1 BCDSEMI-AZ810NRTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NRTR-G1 BCDSEMI-AZ810NRTR-G1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AZ810NSTR-E1 BCDSEMI-AZ810NSTR-E1 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results

Similar Description - AZ816666

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
logo
Allen-Bradley
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C68T10Y128 SCHNEIDER-9007C68T10Y128 Datasheet
147Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com