Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK5S50247YG Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AXK5S50247YG
Description  Narrow pitch connectors (0.5mm pitch)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5S50247YG Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AXK5S50247YG Datasheet HTML 4Page - Panasonic Semiconductor AXK5S50247YG Datasheet HTML 5Page - Panasonic Semiconductor AXK5S50247YG Datasheet HTML 6Page - Panasonic Semiconductor AXK5S50247YG Datasheet HTML 7Page - Panasonic Semiconductor AXK5S50247YG Datasheet HTML 8Page - Panasonic Semiconductor AXK5S50247YG Datasheet HTML 9Page - Panasonic Semiconductor AXK5S50247YG Datasheet HTML 10Page - Panasonic Semiconductor AXK5S50247YG Datasheet HTML 11Page - Panasonic Semiconductor AXK5S50247YG Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5(S)/6(S))
ACCTB22E 201303-T
P5KS: Mated height 4.0mm, 4.5mm for 120 pin contacts and 160 pin contacts types, 6.5mm for 130 pin contacts type
• Socket
No. of pins
A
B
C
120
32.50
29.50
32.00
130
35.00
32.00
34.50
160
42.50
39.50
42.00
General tolerance:
±0.2
0.50
±0.05
0.20
±0.03
B
±0.1
A
4.6
C
±0.1
0.50
±0.05 dia.
3.00
±0.08
0.10
Terminal flatness
0.15±0.03
D
0.45
(1.10)
(1.10)
5.4
3.20
Mated height
D
4.0 mm
3.05
4.5 mm, 6.5 mm
3.55
CAD Data
• Header
No. of pins
A
B
C
120
32.50
29.50
31.00
130
35.00
32.00
33.50
160
42.50
39.50
41.00
General tolerance:
±0.2
0.10
A
B
±0.10
0.50
±0.05
0.20
±0.03
D
E
Note 1)
0.20
±0.03
C
±0.10
0.50
±0.05 dia.
Mated height
D
E
4.0 mm, 4.5 mm
3.30
0.95
6.5 mm
5.30
2.95
CAD Data
• Socket and header are mated
Notes: 1. Inquiry separately for diagrams of the
embossed tape and cautions for use.
2. Be sure to ask for proper specifications and
drawings before actual use.
H+0.2
−0.1
Mated height
H
4.0 mm
4.00
4.5 mm
4.50
6.5 mm
6.50


Similar Part No. - AXK5S50247YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5S50247YG PANASONIC-AXK5S50247YG Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK5S50247YG PANASONIC-AXK5S50247YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5S50247YG PANASONIC-AXK5S50247YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK5S50247YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com