Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK6S00447YG Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AXK6S00447YG
Description  Narrow pitch connectors (0.5mm pitch)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK6S00447YG Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AXK6S00447YG Datasheet HTML 3Page - Panasonic Semiconductor AXK6S00447YG Datasheet HTML 4Page - Panasonic Semiconductor AXK6S00447YG Datasheet HTML 5Page - Panasonic Semiconductor AXK6S00447YG Datasheet HTML 6Page - Panasonic Semiconductor AXK6S00447YG Datasheet HTML 7Page - Panasonic Semiconductor AXK6S00447YG Datasheet HTML 8Page - Panasonic Semiconductor AXK6S00447YG Datasheet HTML 9Page - Panasonic Semiconductor AXK6S00447YG Datasheet HTML 10Page - Panasonic Semiconductor AXK6S00447YG Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5(S)/6(S))
ACCTB22E 201303-T
P5KS: Mated height 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 6.5mm, 7.0mm, 8.0mm, 9.0mm type
• Socket
Dimension table (mm)
No. of pins
A
B
20
8.20
4.50
24
9.20
5.50
30
10.70
7.00
34
11.70
8.00
36
12.20
8.50
40
13.20
9.50
50
15.70
12.00
60
18.20
14.50
70
20.70
17.00
80
23.20
19.50
100
28.20
24.50
General tolerance:
±0.2
A
B
±0.1
0.50
±0.05
1.82
(Suction face)
4.6
0.50
±0.05
0.20
±0.03
0.10
3.20
5.4
(1.10)
(1.10)
C
0.15
±0.03
Mated height
C
4.0 mm, 5.0 mm, 6.0 mm
3.05
4.5 mm, 5.5 mm, 6.5 mm
3.55
7.0 mm, 8.0 mm, 9.0 mm
6.05
CAD Data
• Header
Dimension table (mm)
No. of pins
A
B
20
8.20
4.50
24
9.20
5.50
30
10.70
7.00
34
11.70
8.00
36
12.20
8.50
40
13.20
9.50
50
15.70
12.00
60
18.20
14.50
70
20.70
17.00
80
23.20
19.50
100
28.20
24.50
General tolerance:
±0.2
0.10
B
±0.1
A
0.20
±0.03
0.50
±0.05
0.50
±0.05
0.20
±0.03
D
C
Mated height
C
D
4.0 mm, 4.5 mm, 7.0 mm
0.95
3.30
5.0 mm, 5.5 mm, 8.0 mm
1.95
4.30
6.0 mm, 6.5 mm, 9.0 mm
2.95
5.30
CAD Data
• Socket and header are mated
Note: P5K series (mated heights 3.0mm, 3.5mm)
cannot be mated to this type.
A
+0.2
–0.1
Mated height
A
4.0 mm
4.00
4.5 mm
4.50
5.0 mm
5.00
5.5 mm
5.50
6.0 mm
6.00
6.5 mm
6.50
7.0 mm
7.00
8.0 mm
8.00
9.0 mm
9.00


Similar Part No. - AXK6S00447YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6S00447YG PANASONIC-AXK6S00447YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK6S00447YG PANASONIC-AXK6S00447YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK6S00447YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com