Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEEHC1H220XP Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEHC1H220XP
Description  Aluminum Electrolytic Capacitors/ HC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHC1H220XP Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEHC1H220XP Datasheet HTML 1Page - Panasonic Semiconductor EEEHC1H220XP Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HC
– EEE-28 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
Size
Code
Ripple
Current
(120 Hz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(pcs)
6.3
22
4
5.8
B
26
0.30
EEEHC0J220R
(1)
2000
47
5
5.8
C
46
0.30
EEEHC0J470R
(1)
1000
100
6.3
5.8
D
71
0.30
EEEHC0J101P
(1)
1000
220
6.3
7.7
D8
101
0.30
EEEHC0J221XP
(1)
900
330
8
10.2
F
230
0.30
EEEHC0J331P
(2)
500
1000
10
10.2
G
313
0.50
EEEHC0J102P
(2)
500
10
33
5
5.8
C
43
0.26
EEEHC1A330R
(1)
1000
220
8
10.2
F
160
0.26
EEEHC1A221P
(2)
500
16
10
4
5.8
B
28
0.20
EEEHC1C100R
(1)
2000
22
5
5.8
C
39
0.20
EEEHC1C220R
(1)
1000
47
6.3
5.8
D
70
0.20
EEEHC1C470P
(1)
1000
100
6.3
7.7
D8
81
0.20
EEEHC1C101XP
(1)
900
470
10
10.2
G
340
0.20
EEEHC1C471P
(2)
500
25
33
6.3
5.8
D
65
0.16
EEEHC1E330P
(1)
1000
47
6.3
7.7
D8
65
0.16
EEEHC1E470XP
(1)
900
100
8
10.2
F
130
0.16
EEEHC1E101P
(2)
500
330
10
10.2
G
238
0.16
EEEHC1E331P
(2)
500
35
4.7
4
5.8
B
15
0.14
EEEHC1V4R7R
(1)
2000
10
5
5.8
C
28
0.14
EEEHC1V100R
(1)
1000
22
6.3
5.8
D
55
0.14
EEEHC1V220P
(1)
1000
33
6.3
7.7
D8
57
0.14
EEEHC1V330XP
(1)
900
220
10
10.2
G
220
0.14
EEEHC1V221P
(2)
500
50
0.1
4
5.8
B
1
0.12
EEEHC1HR10R
(1)
2000
0.22
4
5.8
B
2.6
0.12
EEEHC1HR22R
(1)
2000
0.33
4
5.8
B
3.2
0.12
EEEHC1HR33R
(1)
2000
0.47
4
5.8
B
5
0.12
EEEHC1HR47R
(1)
2000
14
5.8
B
10
0.12
EEEHC1H1R0R
(1)
2000
2.2
4
5.8
B
16
0.12
EEEHC1H2R2R
(1)
2000
3.3
4
5.8
B
16
0.12
EEEHC1H3R3R
(1)
2000
4.7
5
5.8
C
23
0.12
EEEHC1H4R7R
(1)
1000
10
6.3
5.8
D
35
0.12
EEEHC1H100P
(1)
1000
22
6.3
7.7
D8
49
0.12
EEEHC1H220XP
(1)
900
33
8
10.2
F
91
0.12
EEEHC1H330P
(2)
500
47
8
10.2
F
100
0.12
EEEHC1H470P
(2)
500
100
10
10.2
G
160
0.12
EEEHC1H101P
(2)
500
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Endurance : 105 °C 3000 h (
φ8, φ10 : 5000 h)
00 Nov. 2012


Similar Part No. - EEEHC1H220XP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEHC1H220XP PANASONIC-EEEHC1H220XP Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors HC
EEEHC1H220XP PANASONIC-EEEHC1H220XP Datasheet
109Kb / 3P
   Aluminum Electrolytic Capacitors/ HC
EEEHC1H220XP PANASONIC-EEEHC1H220XP Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EEEHC1H220XP PANASONIC-EEEHC1H220XP Datasheet
60Kb / 2P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEEHC1H220XP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2E182LF PANASONIC-EET-HC2E182LF Datasheet
180Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EET-HC2C182JA PANASONIC-EET-HC2C182JA Datasheet
656Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC1V221P PANASONIC-EEE-HC1V221P Datasheet
109Kb / 3P
   Aluminum Electrolytic Capacitors/ HC
EEEHC0J220R PANASONIC-EEEHC0J220R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors HC
EEE-HC1C100R PANASONIC-EEE-HC1C100R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EET-HC2V102LF PANASONIC-EET-HC2V102LF Datasheet
656Kb / 13P
   Alumincum Electrolytic Capacitors/HC
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com