Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETED2Q271HJ Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EETED2Q271HJ
Description  Aluminum Electrolytic Capacitors/ ED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETED2Q271HJ Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EETED2Q271HJ Datasheet HTML 1Page - Panasonic Semiconductor EETED2Q271HJ Datasheet HTML 2Page - Panasonic Semiconductor EETED2Q271HJ Datasheet HTML 3Page - Panasonic Semiconductor EETED2Q271HJ Datasheet HTML 4Page - Panasonic Semiconductor EETED2Q271HJ Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Aluminum Electrolytic Capacitors/ ED
— EE130 —
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
(mm)
(pcs)
(V)
(A)
n
(mm)
(µF)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(50kHz)
(+105
°C)
Standard Products
220
22
50
2.03
0.15
EETED2G221HJ
200
25
40
2.03
0.15
EETED2G221JJ
200
30
30
2.03
0.15
EETED2G221KJ
200
35
25
2.03
0.15
EETED2G221LJ
200
270
25
45
2.23
0.15
EETED2G271JJ
200
400
30
35
2.23
0.15
EETED2G271KJ
100
35
30
2.23
0.15
EETED2G271LJ
200
330
30
40
2.44
0.15
EETED2G331KJ
100
35
30
2.44
0.15
EETED2G331LJ
200
390
30
45
2.64
0.15
EETED2G391KJ
100
35
35
2.64
0.15
EETED2G391LJ
100
470
35
40
2.84
0.15
EETED2G471LJ
100
560
35
45
3.05
0.15
EETED2G561LJ
100
68
22
25
1.08
0.15
EETED2S680HJ
200
82
22
30
1.14
0.15
EETED2S820HJ
200
25
25
1.14
0.15
EETED2S820JJ
200
100
22
30
1.30
0.15
EETED2S101HJ
200
25
25
1.30
0.15
EETED2S101JJ
200
120
22
35
1.46
0.15
EETED2S121HJ
200
25
30
1.46
0.15
EETED2S121JJ
200
150
22
40
1.53
0.15
EETED2S151HJ
200
25
35
1.53
0.15
EETED2S151JJ
200
30
25
1.53
0.15
EETED2S151KJ
200
180
22
45
1.60
0.15
EETED2S181HJ
200
420
25
40
1.60
0.15
EETED2S181JJ
200
30
30
1.60
0.15
EETED2S181KJ
200
35
25
1.60
0.15
EETED2S181LJ
200
220
25
45
2.03
0.15
EETED2S221JJ
200
30
35
2.03
0.15
EETED2S221KJ
100
35
30
2.03
0.15
EETED2S221LJ
200
270
25
50
2.40
0.15
EETED2S271JJ
200
30
40
2.40
0.15
EETED2S271KJ
100
35
30
2.40
0.15
EETED2S271LJ
200
330
30
45
2.54
0.15
EETED2S331KJ
100
35
35
2.54
0.15
EETED2S331LJ
100
390
30
50
2.73
0.15
EETED2S391KJ
100
35
40
2.73
0.15
EETED2S391LJ
100
470
35
45
3.18
0.15
EETED2S471LJ
100
56
22
25
0.95
0.15
EETED2W560HJ
200
450
68
22
30
1.08
0.15
EETED2W680HJ
200
25
25
1.08
0.15
EETED2W680JJ
200
tan
δ
(120Hz)
(+20
°C)
Endurance : 105
°C 3000h
Terminal Pitch : 10mm
When capacitors of
φ35×45L and φ35×50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)


Similar Part No. - EETED2Q271HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETED2Q271HJ PANASONIC-EETED2Q271HJ Datasheet
215Kb / 4P
   Snap-in Type
More results

Similar Description - EETED2Q271HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-ED2D220 PANASONIC-EEU-ED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G220 PANASONIC-EEU-ED2G220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2E470 PANASONIC-EEU-ED2E470 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G470 PANASONIC-EEU-ED2G470 Datasheet
158Kb / 3P
   Aluminum Electrolytic Capacitors ED
EEU-ED2C221 PANASONIC-EEU-ED2C221 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2D220 PANASONIC-EEUED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
logo
Panasonic Battery Group
EEUED2C220 PANASONICBATTERY-EEUED2C220 Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com