Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CME-1538-100LB Datasheet(PDF) 3 Page - CUI INC

Part # CME-1538-100LB
Description  ELECTRET CONDENSER MICROPHONE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CME-1538-100LB Datasheet(HTML) 3 Page - CUI INC

  CME-1538-100LB Datasheet HTML 1Page - CUI INC CME-1538-100LB Datasheet HTML 2Page - CUI INC CME-1538-100LB Datasheet HTML 3Page - CUI INC CME-1538-100LB Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
date
page
PART NUMBER:
DESCRIPTION:
06/2010
3 of 4
ELECTRET CONDENSER
MICROPHONE
CME-1538-100LB
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2383 www.cui.com
MECHANICAL CHARACTERISTICS
item
test condition
evaluation standard
soldering heat resistance
Stripped wires are immersed in rosin for 5 seconds and then im-
mersed in solder bath of 270 ±5°C for 3 ±0.5 seconds.
90% min. stripped wires should be wet
with solder (except edge of terminal).
PCB wire pull strength
The force of 4.9 N is applied for 30 sec. to double lead wire.
No damage or cutting off.
vibration test
The microphone should be measured after a vibration amplitude
of 1.5 mm with 10 ~ 55 Hz band of vibration frequency to each of
the 3 perpendicular directions for 2 hours.
The sensitivity should be within
±3dB compared with the initial
measurement.
drop test
The microphone without packaging is subjected to 3 drops on
each axis from the height of 100 cm onto a 20 mm thick wooden
board.
ENVIRONMENT TEST
item
test condition
evaluation standard
high temperature test
After being placed in a chamber at +80°C for 1 hour.
The microphone will be measured
after being placed at +25°C for 6
hours. The value of the oscillation
frequency should be ±10% compared
to the initial measurements. The SPL
should be within ±3dB compared to
the initial measurements.
low temperature test
After being placed in a chamber at -30°C for 1 hour.
humidity test
After being placed in a chamber at +40°C and 90 ±5% RH for
240 hours.
temperature cycle test
The part will be subjected to 10 cycles. One cycle will consist of:
+80
+25
+25
-30
1hr
0.5hr
1hr
0.5hr
1hr
0.5hr
1hr
5.5 hrs
TEST CONDITIONS
standard test conditions
a) Temperature: +5 ~ +35°C
b) Humidity: 45 ~ 85%
c) Pressure: 860 ~ 1060 mbar
judgement test conditions
a) Temperature: +25 ±2°C
b) Humidity: 60 ~ 70%
c) Pressure: 860 ~ 1060 mbar


Similar Part No. - CME-1538-100LB

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CME-1538-100LB CUID-CME-1538-100LB Datasheet
367Kb / 3P
   AUDIO KIT
10/26/2022
CME-1538-100LB CUID-CME-1538-100LB Datasheet
554Kb / 4P
   ELECTRET CONDENSER MICROPHONE
08/05/2022
More results

Similar Description - CME-1538-100LB

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
   electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
   electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
   electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
   electret condenser microphone
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
   Electret Condenser Microphone
EM-9745 SOBERTON-EM-9745 Datasheet
437Kb / 5P
   Electret Condenser Microphone
logo
CUI INC
CMC-9745-L100 CUI-CMC-9745-L100 Datasheet
433Kb / 4P
   ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com