Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD6100W-AU_A2_10001 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # MMBD6100W-AU_A2_10001
Description  SURFACE MOUNT SWITCHING DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD6100W-AU_A2_10001 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  MMBD6100W-AU_A2_10001 Datasheet HTML 1Page - Pan Jit International Inc. MMBD6100W-AU_A2_10001 Datasheet HTML 2Page - Pan Jit International Inc. MMBD6100W-AU_A2_10001 Datasheet HTML 3Page - Pan Jit International Inc. MMBD6100W-AU_A2_10001 Datasheet HTML 4Page - Pan Jit International Inc. MMBD6100W-AU_A2_10001 Datasheet HTML 5Page - Pan Jit International Inc. MMBD6100W-AU_A2_10001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PAGE .
5
Part No_packing code_Version
MMBD6100W-AU_R1_000A1
MMBD6100W-AU_R2_000A1
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D
MMBD6100W
-AU
REV.0.1-FEB.10.2009


Similar Part No. - MMBD6100W-AU_A2_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD6100W PANJIT-MMBD6100W Datasheet
859Kb / 4P
   SURFACE MOUNT SWITCHING DIODES
MMBD6100W PANJIT-MMBD6100W_09 Datasheet
572Kb / 4P
   SURFACE MOUNT SWITCHING DIODES
MMBD6100W PANJIT-MMBD6100W_13 Datasheet
169Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD6100W_R1_00001 PANJIT-MMBD6100W_R1_00001 Datasheet
169Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD6100W_R2_00001 PANJIT-MMBD6100W_R2_00001 Datasheet
169Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - MMBD6100W-AU_A2_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com