Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65843P0063A038 Datasheet(PDF) 2 Page - EPCOS

Part # B65843P0063A038
Description  Ferrites and accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65843P0063A038 Datasheet(HTML) 2 Page - EPCOS

  B65843P0063A038_13 Datasheet HTML 1Page - EPCOS B65843P0063A038_13 Datasheet HTML 2Page - EPCOS B65843P0063A038_13 Datasheet HTML 3Page - EPCOS B65843P0063A038_13 Datasheet HTML 4Page - EPCOS B65843P0063A038_13 Datasheet HTML 5Page - EPCOS B65843P0063A038_13 Datasheet HTML 6Page - EPCOS B65843P0063A038_13 Datasheet HTML 7Page - EPCOS B65843P0063A038_13 Datasheet HTML 8Page - EPCOS B65843P0063A038_13 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Recommended for xDSL applications with
transformer height constraints
Low-profile version of EP13 (1.6 mm lower than EP13)
Distortion performance close to EP13
Fully compatible with EP13 coils
Delivery mode: sets
Magnetic characteristics (per set)
l/A = 1.34 mm–1
le
= 25.8 mm
Ae
= 19.3 mm2
Amin = 14.9 mm2
Ve
= 498 mm3
Approx. weight 3 g/set
Gapped
Ungapped
Material
AL value
nH
s
approx. mm
e
Ordering code
T38
63
3%
0.38
67
B65843P0063A038
100
3%
0.24
106
B65843P0100A038
160
4%
0.15
170
B65843P0160B038
200
4%
0.12
213
B65843P0200B038
250
5%
0.09
266
B65843P0250J038
315
6%
0.07
335
B65843P0315C038
400
7%
0.06
426
B65843P0400E038
T57
63
3%
0.38
67
B65843P0063A057
100
3%
0.24
106
B65843P0100A057
160
4%
0.15
170
B65843P0160B057
200
4%
0.11
213
B65843P0200B057
250
5%
0.09
266
B65843P0250J057
315
6%
0.07
335
B65843P0315C057
400
7%
0.05
426
B65843P0400E057
Material
AL value
nH
e
Ordering code
T57
2400 +30/–20%
2550
B65843P0000R057
T38
6600 +40/–30%
7020
B65843P0000Y038
B65843P
Core
EPO 13


Similar Part No. - B65843P0063A038_13

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65843P0063A038 EPCOS-B65843P0063A038 Datasheet
187Kb / 6P
   Ferrites and accessories
More results

Similar Description - B65843P0063A038_13

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com